Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550SQ Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5550SQ
Description  PowerWise Technology Compliant Energy Management Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5550SQ Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LP5550SQ Datasheet HTML 1Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 2Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 3Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 4Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 5Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 6Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 7Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 8Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 25 page
background image
Typical Application
Pin Descriptions
Pin #
Name
I/O
Type
Description
1
SCLK
I
D
PowerWise Interface (PWI) clock input
2
SPWI
I/O
D
PowerWise Interface (PWI) bi-directional data
3
RESETN
I
D
Reset, active low
4
VO2
O
A
LDO2 output, for supplying the I/O voltage on the SoC
5
VBAT1
P
P
Battery supply voltage
6
VO1
O
A
LDO1 output, for supplying a fixed voltage to a PLL etc. on the SoC
7
DGND
G
G
Digital ground
8
PWROK
O
D
Power OK, active high output signal
9
VBATSW
P
P
Battery supply voltage for switching regulator
10
SW
O
A
Switcher pin connected to coil
11
SWGND
G
G
Switcher ground
12
VBAT2
P
P
Battery supply voltage
13
VO3
O
A
LDO3 output, on-chip memory supply voltage
14
VFB
I
A
Switcher output voltage for supplying SoC core logic
15
AGND
G
G
Analog Ground
16
ENABLE
I
D
Enable, active high
A: Analog Pin
D: Digital Pin
I: Input Pin
O: Output Pin
I/O: Input/Output Pin
P: Power Pin
G: Ground Pin
20154530
FIGURE 4. Typical Application Circuit
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com