Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LP5550SQ Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LP5550SQ
Description  PowerWise Technology Compliant Energy Management Unit
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LP5550SQ Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button LP5550SQ Datasheet HTML 8Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 9Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 10Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 11Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 12Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 13Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 14Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 15Page - National Semiconductor (TI) LP5550SQ Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 25 page
background image
Typical Performance Characteristics Unless otherwise stated: V
IN=3.6V (Continued)
Switching Frequency vs. V
IN
Load Transient Response
Switcher, Automatic PWM/PFM Transition
20154510
20154513
Load Trainsiet Response
Switcher, PWM only
Load Transient Response
Switcher, PFM only
20154514
20154515
V
OUT Transient Response
Min to Max Transient
V
OUT Transient Response
Max to Min Transient
20154516
20154517
www.national.com
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com