Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42416 Datasheet(PDF) 5 Page - Cirrus Logic

Part # CS42416
Description  110 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42416 Datasheet(HTML) 5 Page - Cirrus Logic

  CS42416 Datasheet HTML 1Page - Cirrus Logic CS42416 Datasheet HTML 2Page - Cirrus Logic CS42416 Datasheet HTML 3Page - Cirrus Logic CS42416 Datasheet HTML 4Page - Cirrus Logic CS42416 Datasheet HTML 5Page - Cirrus Logic CS42416 Datasheet HTML 6Page - Cirrus Logic CS42416 Datasheet HTML 7Page - Cirrus Logic CS42416 Datasheet HTML 8Page - Cirrus Logic CS42416 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 67 page
background image
5
CS42416
Figure 52. Quad Speed (slow) Stopband Rejection...................................................................... 60
Figure 53. Quad Speed (slow) Transition Band ............................................................................ 60
Figure 54. Quad Speed (slow) Transition Band (detail) ................................................................ 60
Figure 55. Quad Speed (slow) Passband Ripple .......................................................................... 60
Figure 56. Serial Audio Port Master Mode Timing ........................................................................ 61
Figure 57. Serial Audio Port Slave Mode Timing .......................................................................... 61
Figure 58. Control Port Timing - I2C Format................................................................................. 62
Figure 59. Control Port Timing - SPI Format................................................................................. 63
LIST OF TABLES
Table 1. PLL External Component Values .................................................................................... 15
Table 2. Common OMCK Clock Frequencies .............................................................................. 15
Table 3. Common PLL Output Clock Frequencies....................................................................... 16
Table 4. Slave Mode Clock Ratios ...............................................................................................16
Table 5. Serial Audio Port Channel Allocations ............................................................................ 17
Table 6. DAC De-Emphasis .......................................................................................................... 34
Table 7. Digital Interface Formats ................................................................................................. 35
Table 8. ADC One_Line Mode ......................................................................................................35
Table 9. DAC One_Line Mode ......................................................................................................35
Table 10. RMCK Divider Settings .................................................................................................37
Table 11. OMCK Frequency Settings ........................................................................................... 38
Table 12. Master Clock Source Select.......................................................................................... 38
Table 13. PLL Clock Frequency Detection.................................................................................... 39
Table 14. Example Digital Volume Settings .................................................................................. 42
Table 15. ATAPI Decode .............................................................................................................. 44
Table 16. Example ADC Input Gain Settings ................................................................................ 45



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com