Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42416 Datasheet(PDF) 33 Page - Cirrus Logic

Part # CS42416
Description  110 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42416 Datasheet(HTML) 33 Page - Cirrus Logic

Back Button CS42416 Datasheet HTML 29Page - Cirrus Logic CS42416 Datasheet HTML 30Page - Cirrus Logic CS42416 Datasheet HTML 31Page - Cirrus Logic CS42416 Datasheet HTML 32Page - Cirrus Logic CS42416 Datasheet HTML 33Page - Cirrus Logic CS42416 Datasheet HTML 34Page - Cirrus Logic CS42416 Datasheet HTML 35Page - Cirrus Logic CS42416 Datasheet HTML 36Page - Cirrus Logic CS42416 Datasheet HTML 37Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 67 page
background image
33
CS42416
5.3
Power Control (address 02h)
5.3.1
POWER DOWN PLL (PDN_PLL)
Default = 0
Function:
When enabled, the PLL will remain in a reset state. It is advised that any change of this bit be made
while the DACs are muted or the power down bit (PDN) is enabled to eliminate the possibility of audi-
ble artifacts.
5.3.2
POWER DOWN ADC (PDN_ADC)
Default = 0
Function:
When enabled the stereo analog to digital converter will remain in a reset state. It is advised that any
change of this bit be made while the DACs are muted or the power down bit (PDN) is enabled to elim-
inate the possibility of audible artifacts.
5.3.3
POWER DOWN DAC PAIRS (PDN_DACX)
Default = 0
Function:
When enabled the respective DAC channel pair x (AOUTAx and AOUTBx) will remain in a reset state.
5.3.4
POWER DOWN (PDN)
Default = 1
Function:
The entire device will enter a low-power state when this function is enabled, and the contents of the
control registers are retained in this mode. The power down bit defaults to ‘enabled’ on power-up and
must be disabled before normal operation can occur.
5.4
Functional Mode (address 03h)
5.4.1
DAC FUNCTIONAL MODE (DAC_FMX)
Default = 00
00 - Single-Speed Mode (4 to 50 kHz sample rates)
01 - Double-Speed Mode (50 to 100 kHz sample rates)
10 - Quad-Speed Mode (100 to 192 kHz sample rates)
11 - Reserved
Function:
Selects the required range of sample rates for all converters clocked from the DAC serial port (DAC_SP).
Bits must be set to the corresponding sample rate range when the DAC_SP is in Master or Slave mode.
76543
210
Reserved
PDN_PLL
PDN_ADC
Reserved
PDN_DAC3
PDN_DAC2
PDN_DAC1
PDN
76543
210
DAC_FM1
DAC_FM0
ADC_FM1
ADC_FM0
Reserved
ADC_SP SEL
DAC_DEM
Reserved



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com