Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42416 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS42416
Description  110 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42416 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS42416 Datasheet HTML 14Page - Cirrus Logic CS42416 Datasheet HTML 15Page - Cirrus Logic CS42416 Datasheet HTML 16Page - Cirrus Logic CS42416 Datasheet HTML 17Page - Cirrus Logic CS42416 Datasheet HTML 18Page - Cirrus Logic CS42416 Datasheet HTML 19Page - Cirrus Logic CS42416 Datasheet HTML 20Page - Cirrus Logic CS42416 Datasheet HTML 21Page - Cirrus Logic CS42416 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 67 page
background image
CS42416
18
3.5.2
Serial Audio Interface Formats
The DAC_SP and ADC_SP digital audio serial ports support 5 formats with varying bit depths from 16 to
24 as shown in Figure 7, Figure 8, Figure 9, Figure 10 and Figure 11. These formats are selected using the
configuration bits in the registers, “Functional Mode (address 03h)” on page 33 and “Interface Formats
(address 04h)” on page 34. For the diagrams below, single-speed mode is equivalent to Fs = 32, 44.1,
48kHz; double-speed mode is for Fs = 64, 88.2, 96 kHz; and quad-speed mode is for Fs = 176.4, 196 kHz.
Left C hannel
R ight C han ne l
6543210
98
7
15 14 13 12 11 10
6
5
43210
987
15 14 13 12 11 10
DAC_ SDIN x
AD C_S DO U T
DA C_L RC K
AD C_L RC K
DAC _SC LK
ADC _SC LK
Figure 7. Right Justified Serial Audio Formats
Right Justified Mode, Data Valid on Rising Edge of SCLK
Bits/Sample
SCLK Rate(s)
Notes
Master
Slave
16
64 Fs
48, 64, 128 Fs
single-speed mode
64 Fs
64 Fs
double-speed mode
64 Fs
64 Fs
quad-speed mode
24
64, 128, 256 Fs
64, 128 Fs
single-speed mode
64 Fs
64 Fs
double-speed mode
64 Fs
64 Fs
quad-speed mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com