Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42416 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS42416
Description  110 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42416 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS42416 Datasheet HTML 28Page - Cirrus Logic CS42416 Datasheet HTML 29Page - Cirrus Logic CS42416 Datasheet HTML 30Page - Cirrus Logic CS42416 Datasheet HTML 31Page - Cirrus Logic CS42416 Datasheet HTML 32Page - Cirrus Logic CS42416 Datasheet HTML 33Page - Cirrus Logic CS42416 Datasheet HTML 34Page - Cirrus Logic CS42416 Datasheet HTML 35Page - Cirrus Logic CS42416 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 67 page
background image
CS42416
32
5 REGISTER DESCRIPTION
All registers are read/write except for I.D. and Revision Register, OMCK/PLL_CLK Ratio Register, Clock
Status and Interrupt Status Register which are read only. See the following bit definition tables for bit as-
signment information. The default state of each bit after a power-up sequence or reset is listed in each bit
description.
5.1
Memory Address Pointer (MAP)
Not a register
5.1.1
INCREMENT(INCR)
Default = 1
Function:
Memory address pointer auto increment control
0 - MAP is not incremented automatically.
1 - Internal MAP is automatically incremented after each read or write.
5.1.2
MEMORY ADDRESS POINTER (MAPX)
Default = 0000001
Function:
Memory address pointer (MAP). Sets the register address that will be read or written by the control
port.
5.2
Chip I.D. and Revision Register (address 01h) (Read Only)
5.2.1
CHIP I.D. (CHIP_IDX)
Default = 1111
Function:
I.D. code for the CS42416. Permanently set to 1111.
5.2.2
CHIP REVISION (REV_IDX)
Default = 0001
Function:
CS42416 revision level. Revision C is coded as 0011.
76543
210
INCR
MAP6
MAP5
MAP4
MAP3
MAP2
MAP1
MAP0
76543
210
Chip_ID3
Chip_ID2
Chip_ID1
CHIP_ID0
Rev_ID3
Rev_ID2
Rev_ID1
Rev_ID0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com