Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42416 Datasheet(PDF) 9 Page - Cirrus Logic

Part # CS42416
Description  110 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42416 Datasheet(HTML) 9 Page - Cirrus Logic

Back Button CS42416 Datasheet HTML 5Page - Cirrus Logic CS42416 Datasheet HTML 6Page - Cirrus Logic CS42416 Datasheet HTML 7Page - Cirrus Logic CS42416 Datasheet HTML 8Page - Cirrus Logic CS42416 Datasheet HTML 9Page - Cirrus Logic CS42416 Datasheet HTML 10Page - Cirrus Logic CS42416 Datasheet HTML 11Page - Cirrus Logic CS42416 Datasheet HTML 12Page - Cirrus Logic CS42416 Datasheet HTML 13Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 67 page
background image
9
CS42416
VLS
VD
AOUTA1+
24
0.1 µF
+
10 µF
100 µF
0.1 µF
+
+
17
18
VQ
FILT+
36
37
0.1 µF
4.7 µF
VA
+
10 µF
0.1 µF
51
53
AOUTA1-
AOUTB1+
35
34
AOUTB1-
AOUTA2+
32
33
AOUTA2-
AOUTB2+
31
30
AOUTB2-
AOUTA3+
28
29
AOUTA3-
AOUTB3+
27
26
AOUTB3-
MUTEC
38
25
DGND DGND
5
VLC
0.1 µF
6
3
60
59
1
64
61
2
63
8
7
SCL/CCLK
SDA/CDOUT
AD1/CDIN
RST
12
9
OMCK
ADC_LRCK
REFGND
19
AD0/CS
10
INT
11
55
RMCK
58
ADCIN1
57
ADCIN2
56
ADC_SDOUT
48
46
44
45
47
43
41
4
VA
VD
0.1 µF
AGND
AGND
52
40
LPFLT
39
AINL+
AINL-
AINR+
AINR-
15
16
14
13
42
GPO1
GPO2
GPO3
GPO4
GPO5
GPO6
GPO7
DAC_SDIN1
ADC_SCLK
DAC_SDIN3
DAC_SDIN2
DAC_LRCK
DAC_SCLK
0.01 µF
0.1 µF
+
10 µF
+5 V
0.01 µF
0.01 µF
+3.3 V to +5 V
+
10 µF
0.1 µF
0.01 µF
Analog Output Buffer 2
and
Mute Circuit (optional)
Mute
Drive
(optional)
2700 pF*
2700 pF*
Left Analog Input
Right Analog Input
Analog
Input
Buffer 1
Analog
Input
Buffer 1
+VA
*
* Pull up or down as
required on startup if the
Mute Control is used.
*
Analog Output Buffer 2
and
Mute Circuit (optional)
Analog Output Buffer 2
and
Mute Circuit (optional)
Analog Output Buffer 2
and
Mute Circuit (optional)
Analog Output Buffer 2
and
Mute Circuit (optional)
Analog Output Buffer 2
and
Mute Circuit (optional)
Connect DGND and AGND at single point near Codec
CFILT 3
RFILT 3
CRIP 3
2 k
Ω
2 k
Ω
**
**
** Resistors are required for
I2C control port operation
1. See the ADC Input Filter section in the Appendix.
2. See the DAC Output Filter section in the Appendix.
3. See the PLL Filter section in the Appendix.
+1.8 V
to +5.0 V
DVD
Processor
27 MHz
Figure 2. Typical Connection Diagram using the PLL
CS42416



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com