Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CS42416 Datasheet(PDF) 3 Page - Cirrus Logic

Part # CS42416
Description  110 dB, 192kHz 6-Ch CODEC WITH PLL
PDF  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS42416 Datasheet(HTML) 3 Page - Cirrus Logic

  CS42416 Datasheet HTML 1Page - Cirrus Logic CS42416 Datasheet HTML 2Page - Cirrus Logic CS42416 Datasheet HTML 3Page - Cirrus Logic CS42416 Datasheet HTML 4Page - Cirrus Logic CS42416 Datasheet HTML 5Page - Cirrus Logic CS42416 Datasheet HTML 6Page - Cirrus Logic CS42416 Datasheet HTML 7Page - Cirrus Logic CS42416 Datasheet HTML 8Page - Cirrus Logic CS42416 Datasheet HTML 9Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 67 page
background image
3
CS42416
3.6.1 SPI Mode ............................................................................................................ 26
3.6.2 I2C Mode ............................................................................................................ 27
3.7 Interrupts ......................................................................................................................... 28
3.8 Reset and Power-up ....................................................................................................... 29
3.9 Power Supply, Grounding, and PCB layout ..................................................................... 29
4 REGISTER QUICK REFERENCE ........................................................................................... 30
5 REGISTER DESCRIPTION ..................................................................................................... 32
5.1 Memory Address Pointer (MAP) ....................................................................................... 32
5.2 Chip I.D. and Revision Register (address 01h) (Read Only) ............................................ 32
5.3 Power Control (address 02h)............................................................................................ 33
5.4 Functional Mode (address 03h) ........................................................................................ 33
5.5 Interface Formats (address 04h) ...................................................................................... 34
5.6 Misc Control (address 05h) .............................................................................................. 36
5.7 Clock Control (address 06h) ............................................................................................. 37
5.8 OMCK/PLL_CLK Ratio (address 07h) (Read Only) ......................................................... 39
5.9 Clock Status (address 08h) (Read Only) .......................................................................... 39
5.10 Volume Control (address 0Dh) ....................................................................................... 40
5.11 Channel Mute (address 0Eh).......................................................................................... 41
5.12 Volume Control (addresses 0Fh, 10h, 11h, 12h, 13h, 14h)
........................................ 42
5.13 Channel Invert (address 17h) ......................................................................................... 42
5.14 Mixing Control Pair 1 (Channels A1 & B1)(address 18h)
Mixing Control Pair 2 (Channels A2 & B2)(address 19h)
Mixing Control Pair 3 (Channels A3 & B3)(address 1Ah) ............................................. 42
5.15 ADC Left Channel Gain (address 1Ch) .......................................................................... 45
5.16 ADC Right Channel Gain (address 1Dh) ........................................................................ 45
5.17 Interrupt Control (address 1Eh) ...................................................................................... 45
5.18 Interrupt Status (address 20h) (Read Only) ................................................................... 46
5.19 Interrupt Mask (address 21h) ......................................................................................... 47
5.20 Interrupt Mode MSB (address 22h)
Interrupt Mode LSB (address 23h)................................................................................ 47
5.21 MuteC Pin Control (address 28h) ................................................................................... 47
5.22 General Purpose Pin Control (addresses 29h to 2Fh) ................................................... 48
6 CHARACTERISTICS AND SPECIFICATIONS ....................................................................... 50
SPECIFIED OPERATING CONDITIONS ............................................................................... 50
ABSOLUTE MAXIMUM RATINGS ......................................................................................... 50
ANALOG INPUT CHARACTERISTICS .................................................................................. 51
A/D DIGITAL FILTER CHARACTERISTICS .......................................................................... 52
ANALOG OUTPUT CHARACTERISTICS .............................................................................. 55
D/A DIGITAL FILTER CHARACTERISTICS .......................................................................... 56
SWITCHING CHARACTERISTICS ........................................................................................ 61
SWITCHING CHARACTERISTICS - CONTROL PORT - I2C FORMAT ............................... 62
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI FORMAT ............................... 63
DC ELECTRICAL CHARACTERISTICS ................................................................................ 64
DIGITAL INTERFACE CHARACTERISTICS ......................................................................... 64
7 PARAMETER DEFINITIONS ................................................................................................... 65
8 REFERENCES ......................................................................................................................... 66
9 PACKAGE DIMENSIONS
.................................................................................................... 67
THERMAL CHARACTERISTICS ........................................................................................... 67



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com