Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 61 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 61 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 57Page - STMicroelectronics ST92195D Datasheet HTML 58Page - STMicroelectronics ST92195D Datasheet HTML 59Page - STMicroelectronics ST92195D Datasheet HTML 60Page - STMicroelectronics ST92195D Datasheet HTML 61Page - STMicroelectronics ST92195D Datasheet HTML 62Page - STMicroelectronics ST92195D Datasheet HTML 63Page - STMicroelectronics ST92195D Datasheet HTML 64Page - STMicroelectronics ST92195D Datasheet HTML 65Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 249 page
background image
61/249
ST92195C/D - RESET AND CLOCK CONTROL UNIT (RCCU)
Table 10. Oscillator Transconductance
Figure 29. Crystal Oscillator
Note: Depending on the application it may be better not to
implement CL1.
Figure 30. Internal Oscillator Schematic
Figure 31. External Clock
n
The following table is relative to the fundamental
quartz crystal only; assuming:
– Rs: parasitic series resistance of the quartz crys-
tal (upper limit)
– C0: parasitic capacitance of the crystal (upper
limit,
≤ 7 pF)
– C1,C2: maximum total capacitance on pins OS-
CIN/OSCOUT (value including external capaci-
tance tied to the pin plus the parasitic
capacitance of the board and device).
Table 11. Crystal Specification (C0
≤ 7pF)
Legend:
Rs: Parasitic Series Resistance of the quartz crystal (up-
per limit) C0: Parasitic capacitance of the quartz crystal
(upper limit, < 7pF)
CL1, CL2: Maximum Total Capacitance on pins OSCIN
and OSCOUT (the value includes the external capaci-
tance tied to the pin plus the parasitic capacitance of the
board and of the device)
gm: Transconductance of the oscillator
Note.The tables are relative to the fundamental quartz
crystal only (not ceramic resonator).
gm
Min
Typ
Max
mA/V
0.77
1.5
2.4
OSCIN
OSCOUT
CL1
CL2
ST9
CRYSTAL CLOCK
HALT
OSCIN
OSCOUT
RIN
ROUT
R
OSCIN
OSCOUT
CLOCK
INPUT
NC
EXTERNAL CLOCK
Freq.
MHz.
CL1 = CL2 = 39 pF
Rs Max
865
4
260



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com