Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 91 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 91 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 87Page - STMicroelectronics ST92195D Datasheet HTML 88Page - STMicroelectronics ST92195D Datasheet HTML 89Page - STMicroelectronics ST92195D Datasheet HTML 90Page - STMicroelectronics ST92195D Datasheet HTML 91Page - STMicroelectronics ST92195D Datasheet HTML 92Page - STMicroelectronics ST92195D Datasheet HTML 93Page - STMicroelectronics ST92195D Datasheet HTML 94Page - STMicroelectronics ST92195D Datasheet HTML 95Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 249 page
background image
91/249
ST92195C/D - TELETEXT DISPLAY STORAGE RAM INTERFACE
TDSRAM (Cont’d)
7.3.4 Register Description
7.3.4.1 Data Registers
BUF0..15 R240 .. R255 Page 36Read/Write
RAM Buffer Data Register x = 0,..,15
BUF16..31 R240 .. R255 Page 37 Read/Write
RAM Buffer Data Register x = 16,..,31
BUF32..39 R240 .. R247Page 38 Read/Write
RAM Buffer Data Register x = 32,..,39
Reset Value: xxxx xxxx (xxh)
Bits 7:0 = BUFx[7:0]: presents the x-th byte
(MSB...LSB) of the 40 byte data buffer belonging
to the teletext function. The data registers are not
accessible during the transfer (BUSY = “1”). A
buffer exchange starts with BUF0 and ends with
BUF39 whether the address is incremented or
decremented.
7.3.4.2 Address Registers
MULTI-BYTE TRANSFER START ADDRESS
REGISTER 1 (MBTSA1)
R250 - Read/Write
Register Page: 38
Reset Value: 1000 0000 (80h)
Bits 7:6 = Hard wired to map correctly into the
memory space, defined for the RAM.
Bit 5 = SA[13]: This bit must always be written to
0.
Bits 4:0 = SA[12:8]: Bit13..bit8 of the 13-bit start
address for the 40-byte data transfer have to be
written into this register.
MULTI-BYTE TRANSFER START ADDRESS
REGISTER 0 (MBTSA0)
R251 - Read/Write
Register Page: 38
Reset Value: 0000 0000 (00h)
Bits 7:0 = SA[7:0]: Bit7..bit0 of the 13-bit start ad-
dress for the 40-byte data transfer have to be writ-
ten into this register.
MBTSA1..MBTSA0 are not accessible during the
transfer (BUSY = ”1”).
MBTSA is used as a counter to generate the TD-
SRAM (R/W) address. When the Multi-Byte Trans-
fer is done, this register is incremented or decre-
mented by 40 depending on the BADU bit in the
BUFC register R248 page 26h.
The normal mode corresponds to a counter incre-
mentation.
When the user wants to use decrementation mode
(using the BADU bit), the address must be com-
plemented before writing to the 13 LSB of
MBTSA1.. MBTSA0.
For example, to decrement the counter from the
address:
– SA12 SA11........ SA0 = 1 0101 0101 0101b =
1555h,
the software must load:
– SA12n SA11n........ SA0n = 0 1010 1010 1010b
= 0AAAh,
in the start address register. The BADU bit must
be set to 1.
The value read in this case will be MBTSA1..
MBTSA0 = 8AAAh (The 3 MSB are hard wired).
70
BUFx.7 BUFx.6 BUFx.5 BUFx.4 BUFx.3 BUFx.2 BUFx.1 BUFx.0
70
1
0
SA13 SA12 SA11 SA10
SA9
SA8
70
SA7
SA6
SA5
SA4
SA3
SA2
SA1
SA0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com