Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 51 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 51 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 47Page - STMicroelectronics ST92195D Datasheet HTML 48Page - STMicroelectronics ST92195D Datasheet HTML 49Page - STMicroelectronics ST92195D Datasheet HTML 50Page - STMicroelectronics ST92195D Datasheet HTML 51Page - STMicroelectronics ST92195D Datasheet HTML 52Page - STMicroelectronics ST92195D Datasheet HTML 53Page - STMicroelectronics ST92195D Datasheet HTML 54Page - STMicroelectronics ST92195D Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 249 page
background image
51/249
ST92195C/D - INTERRUPTS
3.6 EXTERNAL INTERRUPTS
The standard ST9 core contains 8 external inter-
rupts sources grouped into four pairs.
Table 8. External Interrupt Channel Grouping
Each source has a trigger control bit TEA0,..TED1
(R242,EITR.0,..,7 Page 0) to select triggering on
the rising or falling edge of the external pin. If the
Trigger control bit is set to “1”, the corresponding
pending bit IPA0,..,IPD1 (R243,EIPR.0,..,7 Page
0) is set on the input pin rising edge, if it is cleared,
the pending bit is set on the falling edge of the in-
put pin. Each source can be individually masked
through
the
corresponding
control
bit
IMA0,..,IMD1 (EIMR.7,..,0). See Figure 26 on
page 53.
The priority level of the external interrupt sources
can be programmed among the eight priority lev-
els with the control register EIPLR (R245). The pri-
ority level of each pair is software defined using
the bits PRL2, PRL1. For each pair, the even
channel (A0,B0,C0,D0) of the group has the even
priority level and the odd channel (A1,B1,C1,D1)
has the odd (lower) priority level.
Figure 25. Priority Level Examples
n
Figure 25 on page 51 shows an example of priority
levels.
Figure 26 on page 53 gives an overview of the Ex-
ternal interrupt control bits and vectors.
– The source of the interrupt channel INTA0 can
be selected between the external pin INT0 (when
IA0S = “1”, the reset value) or the On-chip Timer/
Watchdog peripheral (when IA0S = “0”).
– INTA1: by selecting INTS equal to 0, the stand-
ard Timer is chosen as the interrupt.
– The source of the interrupt channel INTB0 can
be selected between the external pin INT2 (when
(SPEN,BMS)=(0,0)) or the SPI peripheral.
– INTB1: setting AD-INT.0 to 1 selects the ADC or
I²C as the interrupt source for channel INTB1.
– Setting bit 2 of the CSYCT to 1 selects EOFVBI
interrupt as the source for INTC0. Setting this bit
to 0 selects external interrupt on INT4.
– Setting FSTEN (bit 3 of the CSYCT register) to 1
selects FLDST interrupt for channel INTC1. Set-
ting this bit to 0 selects external interrupt INT5.
Interrupt channels INTD0 and INTD1 have an in-
put pin as source. However, the input line may be
multiplexed with an on-chip peripheral I/O or con-
nected to an input pin that performs also another
function.
– Setting the INTS1 bit selects the external inter-
rupt 6 and resetting the INTS1 bit selects the
standard timer interrupt.
Warning: When using channels shared by both
external interrupts and peripherals, special care
must be taken to configure their control registers
for both peripherals and interrupts.
Table 9. Internal/External Interrupt Source
External Interrupt
Channel
INT7
INT6
INTD1
INTD0
INT5
INT4
INTC1
INTC0
INT3
INT2
INTB1
INTB0
INT1
INT0
INTA1
INTA0
10
0
1
0
0
1
PL2D PL1D PL2C PL1C PL2B PL1B PL2A PL1A
INT.D1:
INT.C1: 001=1
INT.D0:
SOURCE
PRIORITY
PRIORITY
SOURCE
INT.A0: 010=2
INT.A1: 011=3
INT.B1: 101=5
INT.B0: 100=4
INT.C0: 000=0
EIPLR
VR000151
0
100=4
101=5
Channel
Internal Interrupt
Source
External Interrupt
Source
INTA0
Timer/Watchdog
INT0
INTA1
Standard Timer 0
None
INTB0
SPI Interrupt
INT2
INTB1
A/D Converter / I²C
None
INTC0
EOFVBI
(SYNC inter)
INT4
INTC1
FLDST
(SYNC inter)
INT5
INTD0
Standard Timer 1
INT6
INTD1
none
INT7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com