Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 66 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 66 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 62Page - STMicroelectronics ST92195D Datasheet HTML 63Page - STMicroelectronics ST92195D Datasheet HTML 64Page - STMicroelectronics ST92195D Datasheet HTML 65Page - STMicroelectronics ST92195D Datasheet HTML 66Page - STMicroelectronics ST92195D Datasheet HTML 67Page - STMicroelectronics ST92195D Datasheet HTML 68Page - STMicroelectronics ST92195D Datasheet HTML 69Page - STMicroelectronics ST92195D Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 249 page
background image
66/249
ST92195C/D - TIMING AND CLOCK CONTROLLER
Figure 33. Programming the MCCR
Figure 34. Programming the SKCCR, PXCCR
Set the PLL frequency
FML (3:0)
Start the PLL by setting
FMEN = 1
Validate PLL as Main
CPU Clock
Wait for Clock
Stabilization
Example:
spp
#27h ;Set the page
ld MCCR, #04h ;Set FML bits to the value needed e.g. 10 MHz
or MCCR, #80h ;Starts the PLL
or MCCR, #40h ;Validate the PLL as the main CPU Clock
Wait for stabilization time
Set the PLL frequency
SKW (3:0)
Start the PLL by setting
SKWEN = 1
Validate PLL is fed to
TDSRAM and OSD
Wait for Clock
Stabilization
Example:
spp
#27h ;Set the page
ld SKCCR, #04h ;Set SKW bits to the value needed
or SKCCR, #80h ;Starts the PLL
or PXCCR, #80h ;PLL is fed as DOTCK to the TDSRAM & OSDPLL
Wait for stabilization time



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com