Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 67 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 67 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 63Page - STMicroelectronics ST92195D Datasheet HTML 64Page - STMicroelectronics ST92195D Datasheet HTML 65Page - STMicroelectronics ST92195D Datasheet HTML 66Page - STMicroelectronics ST92195D Datasheet HTML 67Page - STMicroelectronics ST92195D Datasheet HTML 68Page - STMicroelectronics ST92195D Datasheet HTML 69Page - STMicroelectronics ST92195D Datasheet HTML 70Page - STMicroelectronics ST92195D Datasheet HTML 71Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 67 / 249 page
background image
67/249
ST92195C/D - TIMING AND CLOCK CONTROLLER
5.2 REGISTER DESCRIPTION
MAIN CLOCK CONTROL REGISTER (MCCR)
R253 - Read/ Write
Register Page: 39
Reset value: 0000 0000 (00h)
The HALT mode forces the register to its initializa-
tion state.
Bit 7 = FMEN.
Frequency Multiplier Enable bit.
0: FM disabled (reset state), low-power consump-
tion mode.
1: FM is enabled, providing clock to the CPU. The
FMEN bit must be set only after programming
the FML(3:0) bits.
Bit 6= FMSL.
Frequency Multiplier Select bit.
This bit controls the choice of the ST9+ core inter-
nal frequency between the external crystal fre-
quency and the Main Clock issued by the frequen-
cy multiplier.
In order to secure the application, the ST9+ core
internal frequency is automatically switched back
to the external crystal frequency if the frequency
multiplier is switched off (FMEN =0) regardless of
the value of the FMSL bit. Care must be taken to
reset the FMSL bit before any frequency multiplier
can restart (FMEN set back to 1).
After reset, the external crystal frequency is al-
ways sent to the ST9+ Core.
Bits 5:4 = These bits are reserved.
Bits 3:0 = FML[3:0]
Frequency bits.
These 4 bits program the down-counter inserted in
the feed-back loop of the Frequency Multiplier
which generates the internal multiplied frequency
Fimf. The Fimf value is calculated as follows :
Fimf = Crystal frequency * [ (FML(3:0) + 1) ] /2
SKEW CLOCK CONTROL REGISTER (SKCCR)
R254 - Read/ Write
Register Page: 39
Reset value: 0000 0000 (00h)
The HALT mode forces the register to its initializa-
tion state.
Bit 7= SKWEN.
Frequency Multiplier Enable bit.
0: FM disabled (reset state), low-power consump-
tion mode.
1: FM is enabled, supplying the clock to the Skew
corrector. The SKWEN bit must be set only after
programming the SKW(3-0) bits.
Bit 6= SKDIV2.
Divide-by-2 enable
This bit determines whether a divide-by-2 down-
scaling factor is applied to the output of the Skew
Corrector.
0 = Divide-by-2 enabled
1 = Divide-by-2 disabled
Bits 5:4 = These bits are reserved.
Bits 3:0 = SKW[3:0].
Frequency bits
These 4 bits program the down-counter inserted in
the feedback loop of the Frequency Multiplier
which generates the internal multiplied frequency
DOTCK. The DOTCK value is calculated as fol-
lows :
F(DOTCK) = Crystal frequency * [ (SKW(3:0) + 1) ]
7
6
5
4
321
0
FMEN FMSL
0
0
FML3 FML2 FML1 FML0
76
5
4
3
2
1
0
SKW
EN
SKDIV2
0
0
SKW3 SKW2 SKW1 SKW0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com