Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 89 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 89 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 85Page - STMicroelectronics ST92195D Datasheet HTML 86Page - STMicroelectronics ST92195D Datasheet HTML 87Page - STMicroelectronics ST92195D Datasheet HTML 88Page - STMicroelectronics ST92195D Datasheet HTML 89Page - STMicroelectronics ST92195D Datasheet HTML 90Page - STMicroelectronics ST92195D Datasheet HTML 91Page - STMicroelectronics ST92195D Datasheet HTML 92Page - STMicroelectronics ST92195D Datasheet HTML 93Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 249 page
background image
89/249
ST92195C/D - TELETEXT DISPLAY STORAGE RAM INTERFACE
TDSRAM (Cont’d)
7.3.2.3 CPU Slowdown on TDSRAM access
As described above, the TDSRAM interface puts
priority on TV real time constraints and may slow-
down the CPU by inserting wait cycles when a TD-
SRAM access is requested. The effective duration
of the CPU slowdown is a complex function of TD-
SRAM interface working mode and of the respec-
tive DOTCK/2 frequency (TDSRAM frequency)
and the Core INTCLK frequency.
In order to calculate the average and worst case
slowdown, let’s define the following parameters:
INT(): stands for "integer" function
TCPU: CPU internal clock period
TDRAM: TDSRAM clock period (DOTCLK/2 peri-
od)
TWAIT: additional time inserted due to the TD-
SRAM access
S: number of elapsed slots to get a CPU slot (this
may be a real number)
TWAIT (read) = INT(2.5 * S * (TDRAM/ TCPU)) *
TCPU + (+1 / -0) * TCPU
TWAIT (write) = INT(2.5 * S * (TDRAM/ TCPU) +
1) * TCPU + (+1 / -0) * TCPU
Assuming the Display is "on", no "MBT" is required
and we have the following clock conditions:
CPU running at 12 MHz (TCPU= 83ns)
DOTCK/2 at 20 MHz; 4/3 recommended frequen-
cy (TDRAM= 50ns) the average number of insert-
ed wait cycles is:
TWAIT(read) = 2 * TCPU + (+1 / -0) * TCPU
(i.e. 2 or 3 extra CPU cycles)
TWAIT(write) = 3 * TCPU + (+1 / -0) * TCPU
(i.e. 3 or 4 extra CPU cycles)
In practice:
ld (rr), #N will last 11 or 12 cycles instead
of 8 cycles
ldw (rr), #NN will last 20 to 22 cycles instead
of 14 cycles
DIS (or ACQ) slot
MBT slot Average S
Max S
off
on
12/8 = 1.5
3
off
off
9/8 = 1.16
2
on
off
12/8 = 1.5
3
on
on
16/8 = 2
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com