Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 107 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 107 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 103Page - STMicroelectronics ST92195D Datasheet HTML 104Page - STMicroelectronics ST92195D Datasheet HTML 105Page - STMicroelectronics ST92195D Datasheet HTML 106Page - STMicroelectronics ST92195D Datasheet HTML 107Page - STMicroelectronics ST92195D Datasheet HTML 108Page - STMicroelectronics ST92195D Datasheet HTML 109Page - STMicroelectronics ST92195D Datasheet HTML 110Page - STMicroelectronics ST92195D Datasheet HTML 111Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 107 / 249 page
background image
107/249
ST92195C/D - ON SCREEN DISPLAY (OSD)
ON SCREEN DISPLAY (Cont’d)
7.4.4.3 Parallel Attributes
Figure 61. Example of Row in Parallel Mode
Each character is defined on 2 bytes in Parallel
Mode (see Figure 61 on page 107.)
Parallel Mode is selected by setting the SPM bit in
the DCM1R register R251 (FBh) Page 32.
It requires 2 bytes per character. Display charac-
ters are coded through a second byte processed in
parallel with the character code.
It does not handle Teletext and is used mainly for
TV menus (e.g. for channel searching or volume
control).
The attribute can be one of two types defined by
most significant bit (PS):
– Color attribute
– Shape attribute
US: Underline / Separate Mosaic graphics (see
above).
DH: Double Height: The half character is displayed
in the current row depending on the Upper Height
control bit. The Double Height action is not propa-
gated in the row.
Note: When a parallel double height attribute is
decoded in Row 23, the characters of the first sta-
tus row are not affected and are still displayed.
UH: Upper Half. This bit is active when the current-
ly displayed row writes the upper half-character in
case of double height or double size attribute.
DW: Double Width (see above).
BX: Boxing window.
SR: Smooth Rounding.
FR, FG, FB: Foreground color.
BR, BG, BB: Background color.
HI: Half Intensity (background only).
CSS: Character extended menu code selection.
PS: Parallel attribute selection
A R D O Z
Z
A
A
A
A A
A * *
*
Background (half intensity)
Foreground (full intensity)
Characters Location
Display
Propagation
Default foreground
Default background
global
Attributes Location
A R D O Z
Z
A
A
A
A A
A * *
*
VR02115D



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com