Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 157 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 157 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 153Page - STMicroelectronics ST92195D Datasheet HTML 154Page - STMicroelectronics ST92195D Datasheet HTML 155Page - STMicroelectronics ST92195D Datasheet HTML 156Page - STMicroelectronics ST92195D Datasheet HTML 157Page - STMicroelectronics ST92195D Datasheet HTML 158Page - STMicroelectronics ST92195D Datasheet HTML 159Page - STMicroelectronics ST92195D Datasheet HTML 160Page - STMicroelectronics ST92195D Datasheet HTML 161Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 157 / 249 page
background image
157/249
ST92195C/D - TELETEXT SLICER AND ACQUISITION UNIT
TELETEXT SLICER AND ACQUISITION UNIT (Cont’d)
7.7.6 Teletext Signal Quality Measure
In order to determine the quality level of the re-
ceived CVBS Teletext signal, the following infor-
mation is provided to the CPU through the Teletext
signal Quality Measure register, called “AC-
QTQM”.
7.7.6.1 Bad TV line criterion
During each VBI, “bad” TV lines are counted. The
“bad” TV line pulses issued by the Sync Extractor
macrocell are counted by a 4 bit counter. These
pulses are generated only during the VBI. This
“bad TV line” counter is reset by hardware at each
Vsync (extracted from the CVBS). If an overflow
occurs, then the counter value is locked to Fh.
7.7.6.2 Hamming Errors Code criterion
At the same time as each VBI, the number of Ham-
ming Errors detected by the “8/4 Hamming Decod-
ing” is counted. The detection is done only on the
two first bytes after the Framing Code Byte in each
Teletext packet during the whole VBI and when
the Framing Code is correct and recognized.
One “Hamming Error” pulse corresponds to one or
several errors in the same byte, corrected or not
by the “8/4 Hamming Decoding”. The Hamming
Errors are counted by a 4-bit counter, reset by
hardware at each Vsync (issued from the CVBS).
If an overflow occurs, then the counter value is
locked to Fh.
The ACQTQM register provides in a nibble format,
the 2 above described kinds of information. The
lower nibble of the ACQTQM register gives the
number of “bad TV lines” per VBI. The higher nib-
ble of the ACQTQM register gives the number of
“Hamming error codes” per VBI.
It is up to the application programmer to use this
information and issue an acceptance criterion on
the Teletext signal quality to enable or disable any
Data Slicing. The ACQTQM register is a read-only
register.
7.7.6.3 Reduced Framing Code Criterion
The FR7B status bit in the ACQPRR register pro-
vides rough information about the Framing code
correctness.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com