Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 219 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 219 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 215Page - STMicroelectronics ST92195D Datasheet HTML 216Page - STMicroelectronics ST92195D Datasheet HTML 217Page - STMicroelectronics ST92195D Datasheet HTML 218Page - STMicroelectronics ST92195D Datasheet HTML 219Page - STMicroelectronics ST92195D Datasheet HTML 220Page - STMicroelectronics ST92195D Datasheet HTML 221Page - STMicroelectronics ST92195D Datasheet HTML 222Page - STMicroelectronics ST92195D Datasheet HTML 223Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 249 page
background image
219/249
ST92E195C/D-ST92T195C/D - GENERAL INFORMATION
s
Teletext unit, including Data Slicer, Acquisition
Unit and 8 Kbytes RAM for data storage
s
VPS and Wide Screen Signalling slicer (on
some devices)
s
Integrated Sync Extractor and Sync Controller
s
14-bit Voltage Synthesis for tuning reference
voltage
s
Up to 6 external interrupts plus one Non-
Maskable Interrupt
s
8 x 8-bit programmable PWM outputs with 5V
open-drain or push-pull capability
s
16-bit watchdog timer with 8-bit prescaler
s
2 16-bit standard timer(s) with 8-bit prescaler
s
I²C Master/Slave
s
4-channel A/D converter; 5-bit guaranteed
s
Rich instruction set and 14 addressing modes
s
Versatile
development
tools,
including
Assembler,
Linker,
C-compiler,
Archiver,
Source
Level
Debugger
and
hardware
emulators with Real-Time Operating System
available from third parties
Device Summary
See end of Datasheet for ordering information
CSDIP56W
CQFP64W
Device
Program
Memory
RAM
TDS
RAM
Program-
mable
OSD font
ST92E195C8
84K
EPROM
512
8K
No
ST92T195C8
84K
OTP
ST92E195D7
64K
EPROM
Yes
ST92T195D7
64K
OTP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com