Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 228 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 228 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 224Page - STMicroelectronics ST92195D Datasheet HTML 225Page - STMicroelectronics ST92195D Datasheet HTML 226Page - STMicroelectronics ST92195D Datasheet HTML 227Page - STMicroelectronics ST92195D Datasheet HTML 228Page - STMicroelectronics ST92195D Datasheet HTML 229Page - STMicroelectronics ST92195D Datasheet HTML 230Page - STMicroelectronics ST92195D Datasheet HTML 231Page - STMicroelectronics ST92195D Datasheet HTML 232Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 249 page
background image
228/249
ST92E195C/D-ST92T195C/D - GENERAL DESCRIPTION
1.1.2 I/O Port Styles
Legend:
AF= Alternate Function, BID = Bidirectional, OD = Open Drain
PP = Push-Pull, TTL = TTL Standard Input Levels
How to Read this Table
To configure the I/O ports, use the information in
this table and the Port Bit Configuration Table in
the I/O Ports Chapter on page 71.
Port Style= the hardware characteristics fixed for
each port line.
Inputs:
– If port style = Standard I/O, either TTL or CMOS
input level can be selected by software.
– If port style = Schmitt trigger, selecting CMOS or
TTL input by software has no effect, the input will
always be Schmitt Trigger.
Weak Pull-Up = This column indicates if a weak
pull-up is present or not.
– If WPU = yes, then the WPU can be enabled/dis-
able by software
– If WPU = no, then enabling the WPU by software
has no effect
Alternate Functions (AF) = More than one AF
cannot be assigned to an external pin at the same
time:
An alternate function can be selected as follows.
AF Inputs:
– AF is selected implicitly by enabling the corre-
sponding peripheral. Exception to this are ADC
analog inputs which must be explicitly selected
as AF by software.
P4.4
All ports useable
for general pur-
pose I/O (input,
output or bidi-
rectional)
44
46
PWM4
O
PWM Output 4
SCL2
I/O I²C Channel 2 Serial Clock
P4.5
45
47
PWM5
O
PWM Output 5
SDA2
I/O I²C Channel 2 Serial Data
P4.6
46
48
PWM6
O
PWM Output 6
P4.7
47
49
EXTRG
I
A/D Converter External Trigger Input
PWM7
O
PWM Output 7
STOUT0
O
Standard Timer 0 Output
P5.0
14
20
INT2
I
External Interrupt 2
SCK
O
SPI Serial Clock
SCL1
I/O I²C Channel 1 Serial Clock
P5.1
13
19
SDO
O
SPI Serial Data Out
SDI
I
SPI Serial Data In
SDA1
I/O I²C Channel 1 Serial Data
Port
Name
General
Purpose I/O
Pin No.
Alternate Functions
CQFP64 CSDIP56
Pins
Weak Pull-Up
Port Style
Reset Values
P0[7:0]
no
Standard I/O
BID / OD / TTL
P2[5,4,3,2]
no
Standard I/O
BID / OD / TTL
P2[1,0]
no
Schmitt trigger
BID / OD / TTL
P3.7
yes
Standard I/O
AF / PP / TTL
P3[6,5,4]
no
Standard I/O
BID / OD / TTL
P4[7:0]
no
Standard I/O
BID / OD / TTL
P5[1:0]
no
Standard I/O
BID / OD / TTL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com