Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 234 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 234 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 230Page - STMicroelectronics ST92195D Datasheet HTML 231Page - STMicroelectronics ST92195D Datasheet HTML 232Page - STMicroelectronics ST92195D Datasheet HTML 233Page - STMicroelectronics ST92195D Datasheet HTML 234Page - STMicroelectronics ST92195D Datasheet HTML 235Page - STMicroelectronics ST92195D Datasheet HTML 236Page - STMicroelectronics ST92195D Datasheet HTML 237Page - STMicroelectronics ST92195D Datasheet HTML 238Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 234 / 249 page
background image
234/249
ST92E195C/D-ST92T195C/D - GENERAL DESCRIPTION
32
OSD
R240
HBLANKR
Horizontal Blank Register
03
125
R241
HPOSR
Horizontal Position Register
03
125
R242
VPOSR
Vertical Position Register
00
125
R243
FSCCR
Full Screen Color Control Register
00
126
R244
HSCR
Header & Status Control Register
2A
127
R245
NCSR
National Character Set Control Register
00
128
R246
CHPOSR
Cursor Horizontal Position Register
00
129
R247
CVPOSR
Cursor Vertical Position Register
00
129
R248
SCLR
Scrolling Control Low Register
00
130
R249
SCHR
Scrolling Control High Register
00
131
R250
DCM0R
Display Control Mode 0 Register
00
133
R251
DCM1R
Display Control Mode 1 Register
00
134
R252
TDPR
TDSRAM Pointer Register
00
134
R253
DE0R
Display Enable 0 Control Register
FF
135
R254
DE1R
Display Enable 1 Control Register
FF
135
R255
DE2R
Display Enable 2 Control Register
xF
135
33
R240
DCR
Default Color Register
70
136
R241
CAPVR
Cursor Absolute Vertical Position Register
00
136
R246
TDPPR
TDSRAM Page Pointer Register
x0
136
R247
TDHSPR
TDSRAM Header/Status Pointer Register
x0
136
34
ACQ
R242
ACQAD1R
Acquisition Address Register 1
xx
163
R243
ACQAD0R
Acquisition Address Register 0
xx
163
R248
ACQPOR
Acquisition Page Open Register
00
158
R249
ACQMLR
Acquisition Magazine Locked Register
00
158
R250
ACQNHRR
Acquisition New Header Received Register
00
158
R251
ACQPRR
Acquisition Packet Request Register
00
159
R252
ACQTQMR
Acquisition Teletext Quality Measure Register
00
159
R253
ACQHD2R
Acquisition Hamming Decoding Register 2
xx
160
R254
ACQHD1R
Acquisition Hamming Decoding Register 1
xx
160
R255
ACQHD0R
Acquisition Hamming Decoding Register 0
xx
160
35
SYNC
R242
SCCS0R
Sync Controller Control and Status Register 0
00
144
R243
SCCS1R
Sync Controller Control and Status Register 1
00
145
TSU
R248
TXSCR
Teletext Slicer Control Register
06
163
R249
TXSLIR
Teletext Slicer Initialization Register
0B
164
R255
PASR
Pre-Amplifier and ADC Selection Register
00
164
Group F
Page
Dec.
Block
Reg.
No.
Register
Name
Description
Reset
Value
Hex.
Doc.
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com