Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST92195D Datasheet(PDF) 248 Page - STMicroelectronics

Part # ST92195D
Description  48-96 Kbyte ROM HCMOS MCU WITH ON-SCREEN DISPLAY AND TELETEXT DATA SLICER
PDF  249 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST92195D Datasheet(HTML) 248 Page - STMicroelectronics

Back Button ST92195D Datasheet HTML 241Page - STMicroelectronics ST92195D Datasheet HTML 242Page - STMicroelectronics ST92195D Datasheet HTML 243Page - STMicroelectronics ST92195D Datasheet HTML 244Page - STMicroelectronics ST92195D Datasheet HTML 245Page - STMicroelectronics ST92195D Datasheet HTML 246Page - STMicroelectronics ST92195D Datasheet HTML 247Page - STMicroelectronics ST92195D Datasheet HTML 248Page - STMicroelectronics ST92195D Datasheet HTML 249Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 248 / 249 page
background image
248/249
ST92E195C/D-ST92T195C/D - REVISION HISTORY
4 REVISION HISTORY
Rev.
Main Changes
Date
1.0
First release on DMS.
07/12/00
1.1
From p182, changed I2C cell:
- removed references to 4 buses
- changed last sentence (introduction)
p9 and p221, added SDA1 and SCL1 in figure 5 and 116.
p153: changed 7.7.5 section
p208, changed value (4 or 8 MHz instead of 3.3 or 8.7 MHz) in the second note.
p219, added note in paragraph 1.0.5.
added one option list
added PSDIP56 and TQFP64 package for the EPROM/OTP section
08/18/00
1.2
Changed option list.
09/29/00
1.3
Addition of Section 4 on page 248. Modified Table 11. on page 61. Updated Section 7.4.5.1 on page
114 and Section 4.2 on page 60. Updated Figure 4, Figure 5, Figure 120 and Figure 121.
11 Oct
2001



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com