Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200BT Datasheet(PDF) 86 Page - ASIX Electronics Corporation

Part # AX58200BT
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200BT Datasheet(HTML) 86 Page - ASIX Electronics Corporation

Back Button AX58200BT Datasheet HTML 82Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 83Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 84Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 85Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 86Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 87Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 88Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 89Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 90Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 86 / 180 page
background image
86
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Controller Area Network (CAN)
2.28.1 Overview
The C_CAN consists of the CAN Core, Message RAM, Message Handler, Control Registers and Module
Interface. The CAN Core performs communication according to the CAN protocol version 2.0 part A and B. The
bit rate can be programmed to values up to 1MBit/s. For the connection to the physical layer, additional
transceiver hardware is required.
For communication on a CAN network, individual Message Objects are configured. The Message Objects and
Identifier Masks for acceptance filtering of received messages are stored in the Message RAM. All functions
concerning the handling of messages are implemented in the Message Handler. These functions include
acceptance filtering, the transfer of messages between the CAN Core and the Message RAM, and the handling of
transmission requests as well as the generation of the module interrupt.
The register set of the C_CAN can be accessed directly by the software through the module interface. These
registers are used to control/configure the CAN Core and the Message Handler and to access the Message RAM.
2.28.2 Features
⚫
Supports CAN protocol version 2.0 part A and B
⚫
Bit rates up to 1 MBit/s
⚫
32 Message Objects
⚫
Each Message Object has its own identifier mask
⚫
Programmable FIFO mode (concatenation of Message Objects)
⚫
Maskable interrupt
⚫
Disabled Automatic Re-transmission mode for Time Triggered CAN applications
⚫
Programmable loop-back mode for self-test operation
⚫
16-bit module interfaces to the AMBA APB bus
⚫
Supports wake-up function
Secure Digital Host Controller (SDH)
2.29.1 Overview
The Secure Digital Host Controller (SD Host) has DMAC unit and SD unit. The DMAC unit provides a DMA
(Direct Memory Access) function for SD to exchange data between system memory and shared buffer (128
bytes), and the SD unit controls the interface of SD/SDHC. The SDHOST controller can support SD/SDHC and
cooperated with DMAC to provide a fast data transfer between system memory and cards.
2.29.2 Features
⚫
AMBA AHB master/slave interface compatible, for data transfer and register read/write.
⚫
Supports single DMA channel.
⚫
Supports hardware Scatter-Gather function.
⚫
Using single 128 Bytes shared buffer for data exchange between system memory and cards.
⚫
Synchronous design for DMA with single clock domain, AHB bus clock (HCLK).
⚫
Interface with DMAC for register read/write and data transfer.
⚫
Supports SD/SDHC card.
⚫
Completely asynchronous design for Secure Digital with two clock domains, HCLK and Engine
clock, note that frequency of HCLK should be higher than the frequency of peripheral clock.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com