Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200BT Datasheet(PDF) 61 Page - ASIX Electronics Corporation

Part # AX58200BT
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200BT Datasheet(HTML) 61 Page - ASIX Electronics Corporation

Back Button AX58200BT Datasheet HTML 57Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 58Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 59Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 60Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 61Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 62Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 63Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 64Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 65Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 180 page
background image
61
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
2.3.7
USB Clock Source
The clock sources of USB 1.0 and 2.0 systems are generated from USB2.0 PHY clock or programmable PLL
output. The generated clocks are shown in Figure 2.3-7.
USB1.1 Host
Controller
USB2.0 OTG
Controller
USB2.0 Device
Controller
USB1.1 Device
Controller
USB2.0 OTG
PHY
PLLFOUT
USB1.1 OTG
Controller
USB2.0 Host
Controller
30MHz
USB1.1 OTG
PHY
48MHz
/(USBDIV + 1)
HXT
Figure 2.3-7: USB Clock Source



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com