Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200BT Datasheet(PDF) 96 Page - ASIX Electronics Corporation

Part # AX58200BT
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200BT Datasheet(HTML) 96 Page - ASIX Electronics Corporation

Back Button AX58200BT Datasheet HTML 92Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 93Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 94Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 95Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 96Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 97Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 98Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 99Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 100Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 96 / 180 page
background image
96
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Analog Comparator Controller (ACMP)
2.40.1 Overview
The chip provides two comparators. The comparator output is logic 1 when positive input is greater than
negative input; otherwise, the output is 0. Each comparator can be configured to generate an interrupt when the
comparator output value changes.
2.40.2 Features
⚫
Analog input voltage range: 0 ~ AVDD (voltage of AVDD pin)
⚫
Up to two rail-to-rail analog comparators
⚫
Supports hysteresis function
–
Supports programmable hysteresis window: 0mV, 10mV, 20mV and 30mV
⚫
Supports wake-up function
⚫
Supports programmable propagation speed and low power consumption
⚫
Selectable input sources of positive input and negative input
⚫
ACMP0 supports:
–
4 multiplexed I/O pins at positive sources:
◆
ACMP0_P0, ACMP0_P1, ACMP0_P2, or ACMP0_P3
–
4 negative sources:
◆
ACMP0_N
◆
Comparator Reference Voltage (CRV)
◆
Internal band-gap voltage (VBG)
◆
DAC0 output (DAC0_OUT)
⚫
ACMP1 supports
–
4 multiplexed I/O pins at positive sources:
◆
ACMP1_P0, ACMP1_P1, ACMP1_P2, or ACMP1_P3
–
4 negative sources:
◆
ACMP1_N
◆
Comparator Reference Voltage (CRV)
◆
Internal band-gap voltage (VBG)
◆
DAC0 output (DAC0_OUT)
⚫
Shares one ACMP interrupt vector for all comparators
⚫
Interrupts generated when compare results change (Interrupt event condition is programmable)
⚫
Supports triggers for break events and cycle-by-cycle control for EPWM
⚫
Supports window compare mode and window latch mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com