Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200BT Datasheet(PDF) 16 Page - ASIX Electronics Corporation

Part # AX58200BT
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200BT Datasheet(HTML) 16 Page - ASIX Electronics Corporation

Back Button AX58200BT Datasheet HTML 12Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 13Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 14Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 15Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 16Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 17Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 18Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 19Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 20Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 180 page
background image
16
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
Pin No
Pin Name
Type
MFP
Description
EPWM1_CH5
I/O
MFP11
EPWM1 channel 5 output/capture input.
BPWM1_CH3
I/O
MFP12
BPWM1 channel 3 output/capture input.
ACMP1_WLAT
I
MFP13
Analog comparator 1 window latch input pin
TM3
I/O
MFP14
Timer3 event counter input/toggle output pin.
INT0
I
MFP15
External interrupt 0 input pin.
J6
PA.7
B5
MFP0
General purpose digital I/O pin.
EBI_AD7
I/O
MFP2
EBI address/data bus bit 7.
EMAC_RMII_CRSDV
I
MFP3
EMAC RMII Carrier Sense/Receive Data input
pin.
SPI1_CLK
I/O
MFP4
SPI1 serial clock pin.
SC2_DAT
I/O
MFP6
Smart Card 2 data pin.
UART0_TXD
O
MFP7
UART0 data transmitter output pin.
I2C1_SCL
I/O
MFP8
I2C1 clock pin.
EPWM1_CH4
I/O
MFP11
EPWM1 channel 4 output/capture input.
BPWM1_CH2
I/O
MFP12
BPWM1 channel 2 output/capture input.
ACMP0_WLAT
I
MFP13
Analog comparator 0 window latch input pin
TM2
I/O
MFP14
Timer2 event counter input/toggle output pin.
INT1
I
MFP15
External interrupt 1 input pin.
G3
PA.8
B3
MFP0
General purpose digital I/O pin.
OPA1_P
A
MFP1
Operational amplifier 1 positive input pin.
EBI_ALE
O
MFP2
EBI address latch enable output pin.
SC2_CLK
O
MFP3
Smart Card 2 clock pin.
SPI2_MOSI
I/O
MFP4
SPI2 MOSI (Master Out, Slave In) pin.
SD1_DAT0
I/O
MFP5
SD/SDIO1 data line bit 0.
USCI0_CTL1
I/O
MFP6
USCI0 control 1 pin.
UART1_RXD
I
MFP7
UART1 data receiver input pin.
BPWM0_CH3
I/O
MFP9
BPWM0 channel 3 output/capture input.
QEI1_B
I
MFP10
Quadrature encoder 1 phase B input
ECAP0_IC2
I
MFP11
Enhanced capture unit 0 input 2 pin.
TM3_EXT
I/O
MFP13
Timer3 external capture input/toggle output pin.
INT4
I
MFP15
External interrupt 4 input pin.
G2
PA.9
B3
MFP0
General purpose digital I/O pin.
OPA1_N
A
MFP1
Operational amplifier 1 negative input pin.
EBI_MCLK
O
MFP2
EBI external clock output pin.
SC2_DAT
I/O
MFP3
Smart Card 2 data pin.
SPI2_MISO
I/O
MFP4
SPI2 MISO (Master In, Slave Out) pin.
SD1_DAT1
I/O
MFP5
SD/SDIO1 data line bit 1.
USCI0_DAT1
I/O
MFP6
USCI0 data 1 pin.
UART1_TXD
O
MFP7
UART1 data transmitter output pin.
BPWM0_CH2
I/O
MFP9
BPWM0 channel 2 output/capture input.
QEI1_A
I
MFP10
Quadrature encoder 1 phase A input
ECAP0_IC1
I
MFP11
Enhanced capture unit 0 input 1 pin.
TM2_EXT
I/O
MFP13
Timer2 external capture input/toggle output pin.
F1
PA.10
B3
MFP0
General purpose digital I/O pin.
ACMP1_P0
A
MFP1
Analog comparator 1 positive input 0 pin.
OPA1_O
A
MFP1
Operational amplifier 1 output pin.
EBI_nWR
O
MFP2
EBI write enable output pin.
SC2_RST
O
MFP3
Smart Card 2 reset pin.
SPI2_CLK
I/O
MFP4
SPI2 serial clock pin.
SD1_DAT2
I/O
MFP5
SD/SDIO1 data line bit 2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com