Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200BT Datasheet(PDF) 56 Page - ASIX Electronics Corporation

Part # AX58200BT
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200BT Datasheet(HTML) 56 Page - ASIX Electronics Corporation

Back Button AX58200BT Datasheet HTML 52Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 53Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 54Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 55Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 56Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 57Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 58Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 59Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 60Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 180 page
background image
56
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
1
0
CLK_PLLCTL[19]
HIRC
12MHz
HXT
4~24MHz
PLL FOUT
111
011
010
001
HXT
LXT
HXT
HCLK
HIRC
000
1/2
1/2
1/2
CLK_CLKSEL0[5:3]
1
0
SysTick
RTC
WDT
CPU
LXT
32.768 kHz
LIRC
10 kHz
011
010
001
PLLFOUT
LXT
HXT
LIRC
000
CLK_CLKSEL0[2:0]
SYST_CTRL[2]
CPUCLK
1/(HCLKDIV+1)
LIRC
LIRC
11
10
CLK_CLKSEL1[1:0]
HCLK
1/2048
HIRC
HXT
01
LXT
111
HIRC
1
0
LXT
CLK_CLKSEL3[8]
EADC
1/(EADCDIV+1)
PCLK1
WWDT
11
10
CLK_CLKSEL1[31:30]
HCLK
1/2048
/1,/2,/4,/8,/16
USBH
HSUSBH
HSUSBD
SPIM
CRYP
SD1
SD0
PDMA
FMC
EBI
CRC
PCLK0
EPWM0
OPA
I2S
I2C2
I2C0
ECAP0
CAN0
BPWM0
UR0
TMR1
TMR0
QSPI0
SC2
SC0
QEI0
USCI0
USBD
UR4
UR2
WDG
SPI1
SPI3
EMC
Ethernet
1/(EMACDIV+1)
REFCLK
MDCCLK
1/2
1/20
EMC
RX_CLK
TX_CLK
HCLK
PLLFOUT
LIRC
HCLK
HXT
HIRC
PLLFOUT
CLK_CLKSEL0[21:20]
11
10
01
00
1/(SDH0DIV+1)
1/(SDH1DIV+1)
SD0
SD1
CLK_CLKSEL0[23:22]
CLK_CLKSEL1[29:28]
HCLK
HXT
HIRC
LXT
11
10
01
00
/2
(CLK_CLKOCTL[3:0]+1)
CLKO
0
1
DIV1EN
(CLK_CLKOCTL[5])
0
1
CLK1HZEN
(CLK_CLKOCTL[6])
1 Hz clock from RTC
0
1
LXT
LIRC
RTCSEL(CLK_CLKSEL3[8])
/32768
CLK_CLKSEL2[3:2]
CLK_CLKSEL2[7:6]
CLK_CLKSEL2[13:12]
PCLK0
HXT
HIRC
PLLFOUT
11
10
01
00
1/(QSPI0_CLKDIV[8:0]+1)
1/(SPI1_CLKDIV[8:0]+1)
1/(SPI3_CLKDIV[8:0]+1)
QSPI0
SPI1
SPI3
CLK_CLKSEL2[5:4]
CLK_CLKSEL2[11:10]
PCLK1
HXT
HIRC
PLLFOUT
11
10
01
00
1/(SPI0_CLKDIV[8:0]+1)
1/(SPI2_CLKDIV[8:0]+1)
SPI0
SPI2
EPWM 0
1
0
PLLFOUT
PCLK0
CLK_CLKSEL2[0]
CLK_CLKSEL2[8]
BPWM 0
EPWM 1
1
0
PLLFOUT
PCLK1
CLK_CLKSEL2[1]
CLK_CLKSEL2[9]
BPWM 1
SC0
PCLK0
HXT
HIRC
PLLFOUT
CLK_CLKSEL3[1:0]
CLK_CLKSEL3[5:4]
11
10
01
00
1/(SC0DIV+1)
1/(SC2DIV+1)
SC2
SC1
PCLK0
HXT
HIRC
PLLFOUT
CLK_CLKSEL3[3:2]
11
10
01
00
1/(SC1DIV+1)
I2S
PCLK0
HXT
HIRC
PLLFOUT
CLK_CLKSEL3[17:16]
11
10
01
00
111
010
001
000
PCLK0
LXT
HXT
HIRC
CLK_CLKSEL1 [10:8]
CLK_CLKSEL1[14:12]
101
LIRC
011
TM0/TM1
TMR0
TMR1
111
010
001
000
PCLK1
LXT
HXT
HIRC
101
LIRC
011
TM2/TM3
TMR2
TMR3
CLK_CLKSEL1 [18:16]
CLK_CLKSEL1[22:20]
HCLK
SRAM
PCLK1
OTG
I2C1
ECAP1
DAC
CAN1
BPWM1
EADC
ACMP
UR3
UR1
TMR3
RTC
QEI1
EPWM1
HSOTG
SPI0
USCI1
UR5
SC1
TMR2
SPI2
/1,/2,/4,/8,/16
UART0
LXT
HXT
HIRC
PLLFOUT
CLK_CLKSEL1[25:24]
CLK_CLKSEL1[27:26]
CLK_CLKSEL3[25:24]
CLK_CLKSEL3[27:26]
CLK_CLKSEL3[29:28]
CLK_CLKSEL3[31:30]
11
10
01
00
1/(UART0DIV+1)
1/(UART1DIV+1)
1/(UART2DIV+1)
1/(UART3DIV+1)
1/(UART4DIV+1)
1/(UART5DIV+1)
UART1
UART2
UART3
UART4
UART5
USB1.1 Host
Controller
USB2.0 OTG
Controller
USB2.0 Device
Controller
USB1.1 Device
Controller
USB2.0 OTG
PHY
PLLFOUT
USB1.1 OTG
Controller
USB2.0 Host
Controller
30MHz
USB1.1 OTG
PHY
48MHz
/(USBDIV + 1)
HXT
Note: For USB High-speed application, HXT should be 12 MHz.
Figure 2.3-1: Clock Generator Global View Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com