Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX58200BT Datasheet(PDF) 31 Page - ASIX Electronics Corporation

Part # AX58200BT
Description  EtherCAT Slave Controller SoC
PDF  180 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX58200BT Datasheet(HTML) 31 Page - ASIX Electronics Corporation

Back Button AX58200BT Datasheet HTML 27Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 28Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 29Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 30Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 31Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 32Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 33Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 34Page - ASIX Electronics Corporation AX58200BT Datasheet HTML 35Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 180 page
background image
31
Copyright © 2019 ASIX Electronics Corporation. All rights reserved.
AX58200
EtherCAT Slave Controller SoC
1.4.3
Power/Ground Pin Description
Pin No
Pin Name
Type
MFP
Description
A3
AVSS
P
MFP0
Ground pin for ADC analog circuit.
A4
VREF
A
MFP0
ADC reference voltage input.
Note: This pin needs to be connected with a 1uF
capacitor.
A5
AVDD
P
MFP0
Power supply for internal ADC analog circuit.
C6,
D6,
E6
VDD
P
MFP0
Power supply for I/O ports and LDO source for
internal PLL and digital circuit.
A8
LDO_CAP
A
MFP0
LDO output pin.
H12
VDDIO
P
MFP0
Power supply for PA.0~PA.5.
F5, F6,
F7, F8,
G5,G6,
G7, G8
GND (VSS)
P
Ground for all Analog and Digital Power.
C7,
D7,
E7
VCCK
P
Digital Power for core, 1.2V
Please add a 0.1uF bypass capacitor between each
VCCK and GND.
E8
VCC12A_PLL
P
Analog Power for PLL, 1.2V.
Please add a 0.1uF bypass capacitor between
VCC12A_PLL and GND.
H6,
H7,
H8
VCC3IO
P
Digital Power for I/O pins, 3.3V
Please add a 0.1uF bypass capacitor between each
VCC3IO and GND.
M2,
M5,
M8
VCC33A
P
Analog Power for Ethernet PHY, 3.3V
Please add a 0.1uF bypass capacitor between
VCC33A and GND.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com