Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP503 Datasheet(PDF) 7 Page - Texas Instruments

Part # TFP503
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TFP503 Datasheet HTML 3Page - Texas Instruments TFP503 Datasheet HTML 4Page - Texas Instruments TFP503 Datasheet HTML 5Page - Texas Instruments TFP503 Datasheet HTML 6Page - Texas Instruments TFP503 Datasheet HTML 7Page - Texas Instruments TFP503 Datasheet HTML 8Page - Texas Instruments TFP503 Datasheet HTML 9Page - Texas Instruments TFP503 Datasheet HTML 10Page - Texas Instruments TFP503 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
7
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
electrical characteristics over recommended operating free-air temperature range (unless
otherwise noted)
dc digital I/O specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VIH
High-level digital input voltage (CMOS inputs)
(see Note 3)
0.7 VDD
V
VIL
Low-level digital input voltage (CMOS inputs)
(see Note 3)
0.3 VDD
V
VOH
High-level digital output voltage (see Note 4)
DVDD = 3 V, ST = High, IOH = − 5 mA
2.4
V
VOH
High-level digital output voltage (see Note 4)
DVDD = 3 V, ST = Low, IOH = − 3 mA
2.4
V
VOL
Low-level digital output voltage (see Note 4)
DVDD = 3.6 V, ST = High, IOL = 10 mA
0.4
V
VOL
Low-level digital output voltage (see Note 4)
DVDD = 3.6 V, ST = Low IOL = 5 mA
0.4
V
IOH(D)
High-level output drive current (see Note 4)
ST = High, VOH = 2.4 V
−5
−12
−18
mA
IOH(D)
High-level output drive current (see Note 4)
ST = Low, VOH = 2.4 V
−3
−7
−12
mA
IOL(D)
Low-level output drive current (see Note 4)
ST = High, VOL = 0.4 V
10
13
19
mA
IOL(D)
Low-level output drive current (see Note 4)
ST = Low, VOL = 0.4 V
5
7
11
mA
IIH
High-level digital input current (see Note 3)
VIH = DVDD
±20
µA
IIL
Low-level digital input current (see Note 3)
VIL = 0.0 V
±60
µA
IOZ
Hi-Z output leakage current
PD = Low or PDO = Low
±20
µA
NOTES:
3. Digital inputs are labeled I in I/O column of the Terminal Functions Table.
4. Digital outputs are labeled O in I/O column of the Terminal Functions Table.
dc specifications
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
VID(1)
Analog input differential voltage (see Note 5)
150
1200
mV
VIC
Analog input common mode voltage (see Note 5)
AVDD−0.3
AVDD−0.037
V
VI(OC)
Open circuit analog input voltage
AVDD−0.01
AVDD+0.01
V
IDD(2PIX) Normal 2-pixel/clock power supply current (see Note 7)
ODCK = 82.5 MHz
2-pixel/clock
460
mA
I(PD)
Power-down current (see Note 6)
PD = Low
10
mA
I(PDO)
Output drive power-down current (see Note 6)
PDO = Low
35
mA
NOTES:
5. Specified as dc characteristic with no overshoot or undershoot.
6. Analog inputs are open circuit (transmitter is disconnected from TFP503.)
7. Alternating 2-pixel black/2-pixel white pattern. ST = high, STAG = high, QE[23:0] and Q0[23:0] CL = 10 pF.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com