Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP503 Datasheet(PDF) 9 Page - Texas Instruments

Part # TFP503
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503 Datasheet(HTML) 9 Page - Texas Instruments

Back Button TFP503 Datasheet HTML 5Page - Texas Instruments TFP503 Datasheet HTML 6Page - Texas Instruments TFP503 Datasheet HTML 7Page - Texas Instruments TFP503 Datasheet HTML 8Page - Texas Instruments TFP503 Datasheet HTML 9Page - Texas Instruments TFP503 Datasheet HTML 10Page - Texas Instruments TFP503 Datasheet HTML 11Page - Texas Instruments TFP503 Datasheet HTML 12Page - Texas Instruments TFP503 Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
9
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
ac specifications (continued)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
1 pixel/clock
PIXS = Low
ST = Low
CL = 10 pF
1.9
ns
OCK_INV = High
ST = High
CL = 10 pF
1.9
ns
tsu(2)
Setup time, data, and control signals to
2 pixel/clock
PIXS = High
ST = Low
CL = 10 pF
2.9
ns
tsu(2)
Setup time, data, and control signals to
rising edge of ODCK (see Note 11)
STAG = High
OCK_INV = High
ST = High
CL = 10 pF
2.9
ns
2 pixel & STAG
PIXS = High
ST = Low
CL = 10 pF
2.0
ns
STAG = Low
OCK_INV = High
ST = High
CL = 10 pF
2.0
ns
1 pixel/clock
PIXS = Low
ST = Low
CL = 10 pF
0.5
ns
th(2)
Hold time, data, and control signals to
OCK_INV = High
ST = High
CL = 10 pF
0.5
ns
th(2)
Hold time, data, and control signals to
rising edge of ODCK (see Note 11)
2 pixel & STAG
PIXS = High
ST = Low
CL = 10 pF
1.4
ns
STAG = Low
OCK_INV = High
ST = High
CL = 10 pF
1.4
ns
f(ODCK)
ODCK frequency
PIXS = Low
25
165
MHz
f(ODCK)
ODCK frequency
PIXS = High
12.5
82.5
MHz
ODCK duty cycle
40%
50%
60%
td(PDL)
Delay from PD low to Hi-Z outputs
18
ns
td(PDOL) Delay from PDO low to Hi-Z outputs
18
ns
t(HSC)
Time between DE transitions to SCDT low
(see Note 13)
165 MHz
25
ms
tt(FSC)
Time from DE low to SCDT high
(see Note 13)
8
trans(DE)†
td(st)
ODCK latching edge to QE[23:0] data
output
STAG = Low
PIXS = High
0.5
t(pixel)
ns
† trans(DE) is one transition (low-to-high or high-to-low) of the DE signal.
NOTES: 11. Data and control signals are: QE[23:0], QO[23:0], DE, HSYNC, VSYNC and CTL[2:1].
13. Link active or inactive is determined by amount of time detected between DE transitions. SCDT indicates link activity.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com