Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP503 Datasheet(PDF) 13 Page - Texas Instruments

Part # TFP503
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TFP503 Datasheet HTML 9Page - Texas Instruments TFP503 Datasheet HTML 10Page - Texas Instruments TFP503 Datasheet HTML 11Page - Texas Instruments TFP503 Datasheet HTML 12Page - Texas Instruments TFP503 Datasheet HTML 13Page - Texas Instruments TFP503 Datasheet HTML 14Page - Texas Instruments TFP503 Datasheet HTML 15Page - Texas Instruments TFP503 Datasheet HTML 16Page - Texas Instruments TFP503 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
13
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
high-bandwidth digital content protection (HDCP) overview (continued)
The downstream encryption described in the specification High-bandwidth Digital Content Protection System
Specification (Revision 1.0) protects video data passing from the HDCP transmitter to the HDCP receiver via
a DVI link. The HDCP transmitter encrypts video data and the receiver decrypts the data as shown in Figure 13.
The HDCP keys must also be protected from access. An encryption scheme protects the HDCP device key
values passing from an embedded EEPROM to the HDCP receiver via a dedicated I2C interface. When the
HDCP device keys are needed, the encrypted values are read from the EEPROM, decrypted, and then enable
HDCP functionality. Although external pullup resistors are required for the I2C interface, the key data on the
interface is encrypted. TI’s HDCP solution provides real advantages with respect to lower systems-level cost,
ease of implementation, high performance, and exceptional security.
S/W
Application
Program
CPU
and
North
Bridge
and
Graphics
Controller
TFP510 or TFP513
DVI-HDCP TX
(PC’s DVI Output)
PROM
Key
Decrypt
I2C Slave
Interface
DE
Pixel Data
Clock
Input
Stream
Encrypted Keys
A Keys and KSV
I2C
I2C
TFP503
DVI-HDCP RX
(Display’s DVI Input)
PROM
Key
Decrypt
I2C Slave
Interface
Channel 2
Channel 0
Channel C
HDCP Encrypted
TMDS Link
Encrypted Keys
B Keys and KSV
I2C
I2C
Channel 1
EDID
PROM
Control and Authentication and Key Exchange
KSV = Key Selection Vector
DE
Pixel Data
Clock
Output
Stream
Figure 13. TI’s HDCP Implementation for PC and Display System
TFP503 clocking and data synchronization
The TFP503 receives a clock reference from the DVI transmitter, such as the TFP510 or TFP513, that has a
period equal to the pixel time, t(pixel). The frequency of this clock is also referred to as the pixel rate. Since the
T.M.D.S. encoded data on Rx[2:0] contains 10 bits per 8-bit pixel, it follows that the Rx[2:0] serial bit rate is 10
times the pixel rate. For example, the required pixel rate to support an UXGA resolution with 60-Hz refresh rate
is 165 MHz. The T.M.D.S. serial bit rate is 10x the pixel rate or 1.65 Gb/s. Due to the transmission of this
high-speed digital bit stream on three separate channels (or twisted-pair wires) of long distances (3 to 5 meters),
phase synchronization between the data steams and the input reference clock is not assured. In addition, skew
between the three data channels is common. The TFP503 uses a 4x oversampling scheme of the input data
streams to achieve reliable synchronization with up to 1-T(pixel) channel-to-channel skew tolerance.
Accumulated jitter on the clock and data lines due to reflections and external noise sources is also typical of
high-speed serial data transmission. The TFP503 is designed for high jitter tolerance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com