Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP503 Datasheet(PDF) 19 Page - Texas Instruments

Part # TFP503
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503 Datasheet(HTML) 19 Page - Texas Instruments

Back Button TFP503 Datasheet HTML 15Page - Texas Instruments TFP503 Datasheet HTML 16Page - Texas Instruments TFP503 Datasheet HTML 17Page - Texas Instruments TFP503 Datasheet HTML 18Page - Texas Instruments TFP503 Datasheet HTML 19Page - Texas Instruments TFP503 Datasheet HTML 20Page - Texas Instruments TFP503 Datasheet HTML 21Page - Texas Instruments TFP503 Datasheet HTML 22Page - Texas Instruments TFP503 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
19
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
I2C register map (continued)
VEN_ID
Subaddress = C0
Read Only
Default = 4C
7
6
5
4
3
2
1
0
VEN_ID[7:0]
Subaddress = C1
Read Only
Default = 01
7
6
5
4
3
2
1
0
VEN_ID[15:8]
This read-only register contains the 16-bit Texas Instruments vendor ID for the TFP503. VEN_ID[15:0] is
hardwired to 0x014C.
DEV_ID
Subaddress = C2
Read Only
Default = 01
7
6
5
4
3
2
1
0
DEV_ID[7:0]
Subaddress = C3
Read Only
Default = 05
7
6
5
4
3
2
1
0
DEV_ID[15:8]
This read-only register contains the 16-bit device ID for the TFP503. DEV_ID[15:0] is hardwired to 0x0501.
REV_ID
Subaddress = C4
Read Only
Default = 01
7
6
5
4
3
2
1
0
REV_ID[7:0]
This read-only register contains the 8-bit revision ID for the TFP503. REV_ID[7:0] is hardwired to 0x01.
I2C interface
The I2C interface accesses the internal TFP503 registers. This two-terminal interface consists of one clock line,
DDC_SCL, and one serial data line, DDC_SDA. The basic I2C access cycles are shown in Figures 16 and 17.
DDC_SDA
Start Condition (S)
Stop Condition (P)
DDC_SCL
Figure 16. I2C Start and Stop Conditions
The basic access cycle consists of the following:
D A start condition
D A slave address cycle
D A subaddress cycle
D Any number of data cycles
D A stop condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com