Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP503 Datasheet(PDF) 21 Page - Texas Instruments

Part # TFP503
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TFP503 Datasheet HTML 17Page - Texas Instruments TFP503 Datasheet HTML 18Page - Texas Instruments TFP503 Datasheet HTML 19Page - Texas Instruments TFP503 Datasheet HTML 20Page - Texas Instruments TFP503 Datasheet HTML 21Page - Texas Instruments TFP503 Datasheet HTML 22Page - Texas Instruments TFP503 Datasheet HTML 23Page - Texas Instruments TFP503 Datasheet HTML 24Page - Texas Instruments TFP503 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
21
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
I2C interface (continued)
Data
A
S
Slave Address
Sub Address
A
WSr
A
P
From Transmitter
From Receiver
Sr Restart Condition
A
Acknowledge
S
Start Condition
P
Stop Condition
A
RA
Slave Address
Data
A
Not Acknowledge (SDA High)
W
Write
R
Read
Figure 19. I2C Read Cycle
Data
S
Slave Address
R
P
From Transmitter
From Receiver
R
Read
A
Acknowledge
S
Start Condition
P
Stop Condition
A
A
Not Acknowledge (SDA High)
A
Data
A
Figure 20. HDCP Port Link Integrity Message Read
The DDC_SDA and DDC_SCL I2C interface is 3.3-V tolerant and both DDC_SDA and DDC_SCL require a level
shifter for connection to the external system 5-V DDC lines. The I2C SDA driver must provide the 0.4-V
maximum low level at 3 mA specified by the I2C specification under typical conditions. Stressed conditions can
make the output level marginal. The level shifter design must minimize loading and losses to provide the best
possible low level signal on the SDA line.
PowerPAD 100-terminal TQFP package
The TFP503 is packaged in TI’s thermally enhanced PowerPAD 100-terminal TQFP packaging. The PowerPAD
package is a 14-mm
× 14-mm × 1-mm TQFP outline with 0.5-mm lead-pitch. The PowerPAD package has a
specially designed die-mount pad that offers improved thermal capability over typical TQFP packages of the
same outline. The TI 100-terminal TQFP PowerPAD package offers a backside solder plane that connects
directly to the die-mount pad for enhanced thermal conduction. If traces or vias are located under the back side
pad, they must be protected by a suitable solder mask or other assembly technique to prevent inadvertent
shorting to the exposed backside pad.
Soldering the backside of the device to a thermal land connected to the PCB ground plane is recommended
for thermal, electrical, and EMI considerations. The thermal land may be soldered to the exposed PowerPAD
using standard reflow soldering techniques.
The recommended pad size for the grounded thermal land is 5.8 mm minimum, centered in the device land
pattern. When vias are required to ground the land, multiple vias are recommended for a low-impedance
connection to the ground plane. Multiple vias are also recommended when thermal flow from the land to another
plane is needed. Vias in the exposed pad must be small enough or filled to prevent wicking the solder away from
the interface between the package body and the thermal land on the surface of the board during solder reflow.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com