Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TFP503 Datasheet(PDF) 1 Page - Texas Instruments

Part # TFP503
Description  PANELBUS HDCP DIGITAL RECEIVER
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TFP503 Datasheet(HTML) 1 Page - Texas Instruments

  TFP503 Datasheet HTML 1Page - Texas Instruments TFP503 Datasheet HTML 2Page - Texas Instruments TFP503 Datasheet HTML 3Page - Texas Instruments TFP503 Datasheet HTML 4Page - Texas Instruments TFP503 Datasheet HTML 5Page - Texas Instruments TFP503 Datasheet HTML 6Page - Texas Instruments TFP503 Datasheet HTML 7Page - Texas Instruments TFP503 Datasheet HTML 8Page - Texas Instruments TFP503 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 27 page
background image
TFP503
PanelBus HDCP DIGITAL RECEIVER
SLDS149 − AUGUST 2004
1
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
D Supports UXGA Resolution (Output Pixel
Rates up to 165 MHz)
D Digital Visual Interface (DVI) and
High-Bandwidth Digital Content Protection
(HDCP) Specification Compliant1
D True-Color, 24 Bits/Pixel, 48-Bit Dual Pixel
Output Mode, 16.7M Colors at 1 or 2 Pixels
Per Clock
D Laser-Trimmed (50-Ω) Input Stage for
Optimum Fixed Impedance Matching
D Skew Tolerant up to One Pixel Clock Cycle
(High Clock and Data Jitter Tolerance)
D 4x Over-Sampling for Reduced Bit-Error
Rates and Better Performance Over Longer
Cables
D Reduced Power Consumption From 1.8-V
Core Operation With 3.3-V I/Os and
Supplies2
D Reduced Ground Bounce Using
Time-Staggered Pixel Outputs
D Lowest Noise and Best Power Dissipation
Using TI 100-Terminal TQFP PowerPAD
Packaging
D Advanced Technology Using TI’s 0.18-µm
EPIC-5
 CMOS Process
D Embedded Preprogrammed
High-Bandwidth Digital Content Protection
(HDCP) Keys
description
The TFP503 is a Texas Instruments PanelBus flat-panel display product, part of a comprehensive family of
end-to-end DVI 1.0-compliant solutions. Targeted primarily at desktop LCD monitors, DLP and LCD projectors,
and digital TVs, the TFP503 finds applications in any design requiring high-speed digital interface with the
additional benefit of an extremely robust and innovative encryption scheme for digital content protection.
The TFP503 supports display resolutions up to UXGA, including the standard HDTV formats, in 24-bit true color
pixel format. The TFP503 offers design flexibility to drive one or two pixels per clock, supports TFT or DSTN
panels, and provides an option for time-staggered pixel outputs for reduced ground-bounce.
PowerPAD advanced packaging technology results in best-of-class power dissipation, footprint, and ultra-low
ground inductance.
The TFP503 combines PanelBus circuit innovation and unique implementation for HDCP key protection with
TI’s advanced 0.18-
µm EPIC-5 CMOS process technology to achieve a completely secure, reliable,
low-powered, low-noise, high-speed, digital interface solution.
The TFP503 comes with embedded preprogrammed HDCP keys, thus eliminating the need for an external
storage device to store the HDCP keys or the need for the customer to purchase HDCP keys from the licensing
authority. An encryption scheme ensures that the embedded HDCP keys are encrypted, thus providing highest
level of key security.
Footnotes:
1.
The digital visual interface (DVI) specification is an industry standard developed by the digital display working group (DDWG) for high−speed
digital connection to digital displays. The high−bandwidth digital content protection system (HDCP) is an industry standard for protecting
DVI outputs from being copied. HDCP was developed by Intel Corporation and is licensed by the Digital Content Protection, LLC. The
TFP503 is compliant to the DVI Rev. 1.0 and HDCP Rev. 1.0 specifications.
2.
The TFP503 has an internal voltage regulator that provides the 1.8 V core power supply from the externally supplied 3.3 V supplies.
Copyright
 2004, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
PanelBus, PowerPAD and EPIC-5 are trademarks of Texas Instruments.
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.


Similar Part No. - TFP503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP501 TI-TFP501 Datasheet
374Kb / 24P
PANELBUS HDCP DIGITAL RECEIVER
TFP501 TI1-TFP501 Datasheet
270Kb / 24P
PanelBus HDCP Digital Receiver
TFP501PZP TI1-TFP501PZP Datasheet
270Kb / 24P
PanelBus HDCP Digital Receiver
TFP501 TI1-TFP501_14 Datasheet
270Kb / 24P
PanelBus HDCP Digital Receiver
logo
Tak Cheong Electronics ...
TFP50N06 TAK_CHEONG-TFP50N06 Datasheet
327Kb / 8P
N-Channel Power MOSFET 50A, 60V, 0.023廓
More results

Similar Description - TFP503

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TFP401 TI-TFP401 Datasheet
303Kb / 19P
TI PanelBus DIGITAL RECEIVER
TFP501 TI-TFP501 Datasheet
374Kb / 24P
PANELBUS HDCP DIGITAL RECEIVER
TFP101 TI-TFP101 Datasheet
332Kb / 18P
T1 PANELBUS DIGITAL RECEIVER
logo
List of Unclassifed Man...
TFP401 ETC2-TFP401_07 Datasheet
436Kb / 20P
PanelBus DIGITAL RECEIVER
logo
Texas Instruments
TFP401A-EP TI-TFP401A-EP Datasheet
509Kb / 21P
TI PanelBus??DIGITAL RECEIVER
TFP410-EP TI1-TFP410-EP Datasheet
878Kb / 31P
PanelBus??DIGITAL TRANSMITTER
TFP401A-Q1 TI-TFP401A-Q1 Datasheet
892Kb / 23P
TI PanelBus DIGITAL RECEIVER
TFP401 TI1-TFP401_16 Datasheet
2Mb / 32P
TFP401x TI PanelBus Digital Receiver
TFP501 TI1-TFP501_14 Datasheet
270Kb / 24P
PanelBus HDCP Digital Receiver
TFP401 TI1-TFP401_18 Datasheet
2Mb / 32P
PanelBus Digital Receiver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com