Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25811SC Datasheet(PDF) 4 Page - Cypress Semiconductor

Part # CY25811SC
Description  Spread Spectrum Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25811SC Datasheet(HTML) 4 Page - Cypress Semiconductor

  CY25811SC Datasheet HTML 1Page - Cypress Semiconductor CY25811SC Datasheet HTML 2Page - Cypress Semiconductor CY25811SC Datasheet HTML 3Page - Cypress Semiconductor CY25811SC Datasheet HTML 4Page - Cypress Semiconductor CY25811SC Datasheet HTML 5Page - Cypress Semiconductor CY25811SC Datasheet HTML 6Page - Cypress Semiconductor CY25811SC Datasheet HTML 7Page - Cypress Semiconductor CY25811SC Datasheet HTML 8Page - Cypress Semiconductor CY25811SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
CY25811/12/14
Document #: 38-07112 Rev. *E
Page 4 of 11
Table 4. Input and Output Frequency Selection
Input Frequency Range
(MHz)
FRSEL
Product
Multiplication
Output Frequency Range
(MHz)
4 to 8
0
CY25811
1x
4 to 8
8 to 16
1
CY25811
1x
8 to 16
16 to 32
M
CY25811
1x
16 to 32
4 to 8
0
CY25812
2x
8 to 16
8 to 16
1
CY25812
2x
16 to 32
16 to 32
M
CY25812
2x
32 to 64
4 to 8
0
CY25814
4x
16 to 32
8 to 16
1
CY25814
4x
32 to 64
16 to 32
M
CY25814
4x
64 to 128
Absolute Maximum Conditions (both Commercial and Industrial Grades)[1,2]
Parameter
Description
Condition
Min.
Max.
Unit
VDD
Supply Voltage
–0.5
4.6
V
VIN
Input Voltage
Relative to V SS
–0.5
VDD + 0.5
VDC
TS
Temperature, Storage
Non Functional
–65
150
°C
TA1
Temperature, Operating Ambient
Functional, C-Grade
0
70
°C
TA2
Temperature, Operating Ambient
Functional, I-Grade
–40
85
°C
TJ
Temperature, Junction
Functional
–
150
°C
ESDHBM
ESD Protection (Human Body Model) MIL-STD-883, Method 3015
2000
–
V
UL-94
Flammability Rating
@1/8 in.
V–0
MSL
Moisture Sensitivity Level
1
DC Electrical Specifications (Commercial Grade)
Parameter
Description
Condition
Min.
Max.
Unit
VDD
3.3 Operating Voltage
3.3 ± 5%
3.135
3.465
V
VIL
Input Low Voltage
S0, S1 and FRSEL Inputs
0
0.15VDD
V
VIM
Input Middle Voltage
S0, S1 and FRSEL Inputs
0.40VDD 0.60VDD
V
VIH
Input High Voltage
S0, S1 and FRSEL Inputs
0.85VDD
VDD
V
VOL1
Output Low Voltage
IOL = 4 ma, SSCLK Output
–
0.4
V
VOL2
Output Low Voltage
IOL = 10 ma, SSCLK Output
–
1.2
V
VOH1
Output High Voltage
IOH = 4 ma, SSCLK Output
2.4
–
V
VOH2
Output High Voltage
IOH = 6 ma, SSCLK Output
2.0
–
V
CIN1
Input Pin Capacitance
XIN (Pin 1) and XOUT (Pin 8)
6.0
9.0
pF
CIN2
Input Pin Capacitance
All Digital Inputs
3.5
6.0
pF
CL
Output Load Capacitor
SSCLK Output
–
15
pF
IDD1
Dynamic Supply Current
Fin = 12 MHz, no load
–
25
mA
IDD2
Dynamic Supply Current
Fin = 24 MHz, no load
–
30
mA
IDD3
Dynamic Supply Current
Fin = 32 MHz, no load
–
35
mA
Notes:
1. Operation at any Absolute Maximum Rating is not implied.
2. Single Power Supply: The voltage on any input or I/O pin cannot exceed the power pin during power up.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com