Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25811SC Datasheet(PDF) 11 Page - Cypress Semiconductor

Part # CY25811SC
Description  Spread Spectrum Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25811SC Datasheet(HTML) 11 Page - Cypress Semiconductor

Back Button CY25811SC Datasheet HTML 3Page - Cypress Semiconductor CY25811SC Datasheet HTML 4Page - Cypress Semiconductor CY25811SC Datasheet HTML 5Page - Cypress Semiconductor CY25811SC Datasheet HTML 6Page - Cypress Semiconductor CY25811SC Datasheet HTML 7Page - Cypress Semiconductor CY25811SC Datasheet HTML 8Page - Cypress Semiconductor CY25811SC Datasheet HTML 9Page - Cypress Semiconductor CY25811SC Datasheet HTML 10Page - Cypress Semiconductor CY25811SC Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
CY25811/12/14
Document #: 38-07112 Rev. *E
Page 11 of 11
Document History Page
Document Title: CY25811/12/14 Spread Spectrum Clock Generator
Document Number: 38-07112
REV. ECN NO.
Issue
Date
Orig. of
Change
Description of Change
**
107516
06/14/02
NDP
Converted from IMI to Cypress
*A
108002
06/29/02
NDP
Deleted Junction Temp. in Absolute Maximum Ratings
*B
121578
01/29/03
RGL
Converted from Word to FrameMaker
Added 8-pin TSSOP package in Commercial Temp. only
Added an Industrial Temperature Range to all existing 8-pin SOIC packages
*C
125550
05/14/03
RGL
Changed IDD values from 19.6/22/27.2 to 25/30/35 in Commercial Grade DC Specs
table
Changed IDD values from 24/26.5/33 to 26/32/37 in Industrial grade DC Specs table
Changed TCCJ1/2 values from 675/260 to 800/450 in Commercial grade AC Specs table
Changed TCCJ1 value from 350 to 650 in Industrial grade AC Specs table
*D
131941
12/24/03
RGL
Removed automotive in the Applications section
Changed the Output Clock Duty Cycle (TDCOUT) from min. 45 and max. 55 to 40 and
60% respectively for both industrial and commercial grade
Changed the min. Input Low Voltage (VIL) from 0.15VDD to 0.13VDD
Removed preliminary from the industrial AC/DC Electrical Specifications table
*E
231057
See ECN
RGL
Added Lead Free Devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com