Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25811SC Datasheet(PDF) 7 Page - Cypress Semiconductor

Part # CY25811SC
Description  Spread Spectrum Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25811SC Datasheet(HTML) 7 Page - Cypress Semiconductor

Back Button CY25811SC Datasheet HTML 3Page - Cypress Semiconductor CY25811SC Datasheet HTML 4Page - Cypress Semiconductor CY25811SC Datasheet HTML 5Page - Cypress Semiconductor CY25811SC Datasheet HTML 6Page - Cypress Semiconductor CY25811SC Datasheet HTML 7Page - Cypress Semiconductor CY25811SC Datasheet HTML 8Page - Cypress Semiconductor CY25811SC Datasheet HTML 9Page - Cypress Semiconductor CY25811SC Datasheet HTML 10Page - Cypress Semiconductor CY25811SC Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
CY25811/12/14
Document #: 38-07112 Rev. *E
Page 7 of 11
SSCG Profiles
CY25811/12/14 SSCG products use a non-linear “optimized”
frequency profile as shown In Figure 3. The use of Cypress
proprietary “optimized” frequency profile maintains flat energy
distribution over the fundamental and higher order harmonics.
This results in additional EMI reduction in electronic systems.
Xin = 6.0 MHz
SSCLK1 = 6.0 MHz
S1, S0 = 0
FRSEL = 0
P/N = CY25811
Xin = 24.0 MHz
SSCLK1 = 24.0 MHz
S1, S0 = 0
FRSEL = M
P/N = CY25811
Xin = 12.0 MHz
SSCLK1 = 48.0 MHz
S1, S0 = 0
FRSEL = 1
P/N = CY25814
Xin = 24.0 MHz
SSCLK1 = 96.0 MHz
S1, S0 = 0
FRSEL = M
P/N = CY25814
Figure 3. Spread Spectrum Profiles (Frequency vs. Time)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com