Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25811SC Datasheet(PDF) 6 Page - Cypress Semiconductor

Part # CY25811SC
Description  Spread Spectrum Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25811SC Datasheet(HTML) 6 Page - Cypress Semiconductor

Back Button CY25811SC Datasheet HTML 2Page - Cypress Semiconductor CY25811SC Datasheet HTML 3Page - Cypress Semiconductor CY25811SC Datasheet HTML 4Page - Cypress Semiconductor CY25811SC Datasheet HTML 5Page - Cypress Semiconductor CY25811SC Datasheet HTML 6Page - Cypress Semiconductor CY25811SC Datasheet HTML 7Page - Cypress Semiconductor CY25811SC Datasheet HTML 8Page - Cypress Semiconductor CY25811SC Datasheet HTML 9Page - Cypress Semiconductor CY25811SC Datasheet HTML 10Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
CY25811/12/14
Document #: 38-07112 Rev. *E
Page 6 of 11
Characteristic Curves
The following curves demonstrate the characteristic behavior
of the CY25811/12/14 when tested over a number of environ-
mental and application-specific parameters. These are typical
performance curves and are not meant to replace any
parameter specified in DC and AC Specification tables.
0
100
200
300
400
500
600
4
8
12
16
20
24
28
32
Input Frequency (MHz)
1.75
2
2.25
2.5
2.75
-40
-25
-10
5
20
35
50
65
80
95
110
125
Temp (C)
6.0 MHz
32.0 MHz
1.8
1.9
2
2.1
2.2
2.3
2.4
2.5
2.6
2.7
2.8
2.9
3
2.8
2.9
3
3.1
3.2
3.3
3.4
3.5
3.6
3.7
VDD (volts)
4.0 MHz
8.0 MHz
10
12
14
16
18
20
22
24
26
28
30
4
4.5
5
5.5
6
6.5
7
7.5
8
Frequency (MHz), no load, normalized to FRSEL = 0, (4 - 8 MHz).
FRSEL = 0
4 - 8 MHz
FRSEL = 1
8 - 16 MHz
FRSEL = M
16 - 32 MHz
Jitter vs. Input Frequency (No Load)
Bandwidth % vs. Temperature
IDD vs. Frequency (FRSEL = 0, 1, M)
Bandwidth % vs. VDD
Figure 2. Characteristic Curves



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com