Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25811SC Datasheet(PDF) 8 Page - Cypress Semiconductor

Part # CY25811SC
Description  Spread Spectrum Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25811SC Datasheet(HTML) 8 Page - Cypress Semiconductor

Back Button CY25811SC Datasheet HTML 3Page - Cypress Semiconductor CY25811SC Datasheet HTML 4Page - Cypress Semiconductor CY25811SC Datasheet HTML 5Page - Cypress Semiconductor CY25811SC Datasheet HTML 6Page - Cypress Semiconductor CY25811SC Datasheet HTML 7Page - Cypress Semiconductor CY25811SC Datasheet HTML 8Page - Cypress Semiconductor CY25811SC Datasheet HTML 9Page - Cypress Semiconductor CY25811SC Datasheet HTML 10Page - Cypress Semiconductor CY25811SC Datasheet HTML 11Page - Cypress Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
CY25811/12/14
Document #: 38-07112 Rev. *E
Page 8 of 11
Application Schematic
VDD
C2
C3
27 pF
1
8
Y1
25 MHz
FRSEL
VSS
S1
S0
XIN
XOUT
SSCLK
VDD
CY25811
CY25812
CY25814
6
4
3
5
0.1 uF
C3
27 pF
25 MHz (CY25811)
50 MHz (CY25812)
100 MHz (CY25814)
N/C
7
2
Ordering Information
Part Number
Package Type
Product Flow
CY25811SC
8-pin SOIC
Commercial, 0
° to 70°C
CY25811SCT
8-pin SOIC – Tape and Reel
Commercial, 0
° to 70°C
CY25811SI
8-pin SOIC
Industrial, –40° to 85°C
CY25811SIT
8-pin SOIC – Tape and Reel
Industrial, –40° to 85°C
CY25811ZC
8-pin TSSOP
Commercial, 0
° to 70°C
CY25811ZCT
8-pin TSSOP – Tape and Reel
Commercial, 0
° to 70°C
CY25812SC
8-pin SOIC
Commercial, 0
° to 70°C
CY25812SCT
8-pin SOIC – Tape and Reel
Commercial, 0
° to 70°C
CY25812SI
8-pin SOIC
Industrial, –40° to 85°C
CY25812SIT
8-pin SOIC – Tape and Reel
Industrial, –40° to 85°C
CY25812ZC
8-pin TSSOP
Commercial, 0
° to 70°C
CY25812ZCT
8-pin TSSOP – Tape and Reel
Commercial, 0
° to 70°C
CY25814SC
8-pin SOIC
Commercial, 0
° to 70°C
CY25814SCT
8-pin SOIC – Tape and Reel
Commercial, 0
° to 70°C
CY25814SI
8-pin SOIC
Industrial, –40° to 85°C
CY25814SIT
8-pin SOIC – Tape and Reel
Industrial, –40° to 85°C
CY25814ZC
8-pin TSSOP
Commercial, 0
° to 70°C
CY25814ZCT
8-pin TSSOP – Tape and Reel
Commercial, 0
° to 70°C
Lead Free Devices
CY25811SXC
8-pin SOIC
Commercial, 0
° to 70°C
CY25811SXCT
8-pin SOIC – Tape and Reel
Commercial, 0
° to 70°C
CY25811SXI
8-pin SOIC
Industrial, –40° to 85°C
CY25811SXIT
8-pin SOIC – Tape and Reel
Industrial, –40° to 85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com