Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CY25811SC Datasheet(PDF) 1 Page - Cypress Semiconductor

Part # CY25811SC
Description  Spread Spectrum Clock Generator
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

CY25811SC Datasheet(HTML) 1 Page - Cypress Semiconductor

  CY25811SC Datasheet HTML 1Page - Cypress Semiconductor CY25811SC Datasheet HTML 2Page - Cypress Semiconductor CY25811SC Datasheet HTML 3Page - Cypress Semiconductor CY25811SC Datasheet HTML 4Page - Cypress Semiconductor CY25811SC Datasheet HTML 5Page - Cypress Semiconductor CY25811SC Datasheet HTML 6Page - Cypress Semiconductor CY25811SC Datasheet HTML 7Page - Cypress Semiconductor CY25811SC Datasheet HTML 8Page - Cypress Semiconductor CY25811SC Datasheet HTML 9Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
Spread Spectrum Clock Generator
CY25811/12/14
Cypress Semiconductor Corporation
•
3901 North First Street
•
San Jose
, CA 95134
•
408-943-2600
Document #: 38-07112 Rev. *E
Revised June 03, 2004
Features
• 4- to 32-MHz input frequency range
• 4- to 128-MHz output frequency range
• Accepts clock, crystal, and resonator inputs
• 1x, 2x, and 4x frequency multiplication:
— CY25811: 1x; CY25812: 2x; CY25814: 4x
• Center and down spread modulation
• Low power dissipation:
— 3.3V = 52 mW-typ @ 6MHz
— 3.3V = 60 mW-typ @ 12MHz
— 3.3V = 72 mW-typ @ 24MHz
• Low cycle-to cycle jitter:
— 8 MHz = 450 ps-max
— 16 MHz = 225 ps-max
— 32 MHz = 150 ps-max
• Available in 8-pin SOIC and TSSOP packages
• Commercial and industrial temperature ranges
Applications
• Printers and MFPs
• LCD panels
• Digital copiers
•PDAs
• CD-ROM, VCD, and DVD
• Networking, LAN/WAN
• Scanners
• Modems
• Embedded digital systems
Benefits
• Peak EMI reduction by 8 to 16 dB
• Fast time to market
• Cost reduction
Block Diagram
Pin Configuration
S1
S0
FRSEL
300K
VDD
VSS
XIN
XOUT
SSCLK
8pF
REFERENCE
DIVIDER
PD and
CP
LF
VCO
VCO
COUNTE
R
COUNTER
and
MUX
INPUT
DECODER
LOGIC
1
7
8
2
5
MODULATION
CONTROL
3
4
6
8pF
1
2
3
4
8
7
6
5
XIN/CLKIN
VSS
S1
S0
XOUT
VDD
FRSEL
SSCLK
CY25811
CY25812
CY25814
8-pin SOIC/TSSOP


Similar Part No. - CY25811SC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY25811SCT CYPRESS-CY25811SCT Datasheet
340Kb / 12P
Spread Spectrum Clock Generator
More results

Similar Description - CY25811SC

ManufacturerPart #DatasheetDescription
logo
fujitsu semiconductor
MB88156 FUJITSU-MB88156 Datasheet
198Kb / 25P
Spread Spectrum Clock Generator
MB88154 FUJITSU-MB88154 Datasheet
151Kb / 18P
Spread Spectrum Clock Generator
MB88162 FUJITSU-MB88162 Datasheet
170Kb / 21P
Spread Spectrum Clock Generator
MB88151A FUJITSU-MB88151A Datasheet
342Kb / 22P
Spread Spectrum Clock Generator
logo
Cypress Semiconductor
CY25562 CYPRESS-CY25562_08 Datasheet
599Kb / 8P
Spread Spectrum Clock Generator
logo
PulseCore Semiconductor
PCS3P2191A PULSECORE-PCS3P2191A Datasheet
358Kb / 8P
Spread Spectrum Clock Generator
logo
fujitsu semiconductor
MB88R157 FUJITSU-MB88R157 Datasheet
139Kb / 24P
Spread Spectrum Clock Generator
logo
Integrated Device Techn...
IDT5V50009 IDT-IDT5V50009 Datasheet
181Kb / 8P
SPREAD SPECTRUM CLOCK GENERATOR
logo
ON Semiconductor
PCS3P25811 ONSEMI-PCS3P25811 Datasheet
159Kb / 9P
Spread Spectrum Clock Generator
JANUARY 2010 ??Rev. 1
logo
Cypress Semiconductor
MB88151A CYPRESS-MB88151A Datasheet
568Kb / 27P
Spread Spectrum Clock Generator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com