Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3979 Datasheet(PDF) 4 Page - Allegro MicroSystems

Part # A3979
Description  Microstepping DMOS Driver with Translator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3979 Datasheet(HTML) 4 Page - Allegro MicroSystems

  A3979 Datasheet HTML 1Page - Allegro MicroSystems A3979 Datasheet HTML 2Page - Allegro MicroSystems A3979 Datasheet HTML 3Page - Allegro MicroSystems A3979 Datasheet HTML 4Page - Allegro MicroSystems A3979 Datasheet HTML 5Page - Allegro MicroSystems A3979 Datasheet HTML 6Page - Allegro MicroSystems A3979 Datasheet HTML 7Page - Allegro MicroSystems A3979 Datasheet HTML 8Page - Allegro MicroSystems A3979 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
DMOS Microstepping Driver with Translator
A3979
4
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
ELECTRICAL CHARACTERISTICS at TA = 25°C, VBB = 35 V, VDD = 3.0 to 5.5 V (unless otherwise noted)
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Units
Output Drivers
Load Supply Voltage Range
VBB
Operating
8
–
35
V
During Sleep mode
0
–
35
V
Output Leakage Current2
IDSS
VOUT = VBB
–
<1.0
20
μA
VOUT = 0 V
–
<1.0
–20
μA
Output On Resistance
RDS(On)
Source driver, IOUT = –2.5 A
–
0.28
0.335
Ω
Sink driver, IOUT = 2.5 A
–
0.22
0.265
Ω
Body Diode Forward Voltage
VF
Source diode, IF = –2.5 A
–
–
1.4
V
Sink diode, IF = 2.5 A
–
–
1.4
V
Motor Supply Current
IBB
fPWM < 50 kHz
–
–
8.0
mA
Operating, outputs disabled
–
–
6.0
mA
Sleep mode
–
–
20
μA
Control Logic
Logic Supply Voltage Range
VDD
Operating
3.0
5.0
5.5
V
Logic Supply Current
IDD
fPWM < 50 kHz
–
–
12
mA
Outputs off
–
–
10
mA
Sleep mode
–
–
20
μA
Logic Input Voltage
VIN(1)
0.7
× VDD
––
V
VIN(0)
––
0.3
×VDD
V
Logic Input Current2
IIN(1)
VIN = 0.7× VDD
–20
<1.0
20
μA
IIN(0)
VIN = 0.3× VDD
–20
<1.0
20
μA
Reference Input Voltage Range
VREF
Operating
0
–
VDD
V
Reference Input Current
IREF
–0
±3
μA
HOME Output Voltage
VHOME(1) IHOME(1) = –200 μA
0.7
× VDD
––
V
VHOME(0) IHOME(0) = 200 μA–
–
0.3
× VDD
V
Mixed Decay Mode Trip Point
VPFDH
–
0.6
×VDD
–V
VPFDL
–
0.21
×VDD
–V
Gain (Gm) Error3
EG
VREF = 2 V, Phase Current = 38.27%
–
–
±10
%
VREF = 2 V, Phase Current = 70.71%
–
–
±5.0
%
VREF = 2 V, Phase Current = 100.00%
–
–
±5.0
%
STEP Pulse Width
tW
1––
μs
Blank Time
tBLANK
RT = 56 kΩ, CT = 680 pF
700
950
1200
ns
Fixed Off-Time
tOFF
RT = 56 kΩ, CT = 680 pF
30
38
46
μs
Crossover Dead Time
tDT
Synchronous rectification enabled
100
475
800
ns
Continued on the next page...



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com