Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3979 Datasheet(PDF) 13 Page - Allegro MicroSystems

Part # A3979
Description  Microstepping DMOS Driver with Translator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3979 Datasheet(HTML) 13 Page - Allegro MicroSystems

Back Button A3979 Datasheet HTML 7Page - Allegro MicroSystems A3979 Datasheet HTML 8Page - Allegro MicroSystems A3979 Datasheet HTML 9Page - Allegro MicroSystems A3979 Datasheet HTML 10Page - Allegro MicroSystems A3979 Datasheet HTML 11Page - Allegro MicroSystems A3979 Datasheet HTML 12Page - Allegro MicroSystems A3979 Datasheet HTML 13Page - Allegro MicroSystems A3979 Datasheet HTML 14Page - Allegro MicroSystems A3979 Datasheet HTML 15Page - Allegro MicroSystems  
Zoom Inzoom in Zoom Outzoom out
 13 / 15 page
background image
DMOS Microstepping Driver with Translator
A3979
13
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Table 2. Step Sequencing Settings
Home microstep position at Step Angle 45º; DIR = H; 360° = 4 full steps
Full
Step
#
Half
Step
#
1/4
Step
#
1/16
Step
#
Phase 1
Current
[% ItripMax]
(%)
Phase 2
Current
[% ItripMax]
(%)
Step
Angle
(º)
Full
Step
#
Half
Step
#
1/4
Step
#
1/16
Step
#
Phase 1
Current
[% ItripMax]
(%)
Phase 2
Current
[% ItripMax]
(%)
Step
Angle
(º)
1
1
1
100.00
0.00
0.0
5
9
33
–100.00
0.00
180.0
2
99.52
9.80
5.6
34
–99.52
–9.80
185.6
3
98.08
19.51
11.3
35
–98.08
–19.51
191.3
4
95.69
29.03
16.9
36
–95.69
–29.03
196.9
2
5
92.39
38.27
22.5
10
37
–92.39
–38.27
202.5
6
88.19
47.14
28.1
38
–88.19
–47.14
208.1
7
83.15
55.56
33.8
39
–83.15
–55.56
213.8
8
77.30
63.44
39.4
40
–77.30
–63.44
219.4
1
2
3
9
70.71
70.71
45.0
3
6
11
41
–70.71
–70.71
225.0
10
63.44
77.30
50.6
42
–63.44
–77.30
230.6
11
55.56
83.15
56.3
43
–55.56
–83.15
236.3
12
47.14
88.19
61.9
44
–47.14
–88.19
241.9
4
13
38.27
92.39
67.5
12
45
–38.27
–92.39
247.5
14
29.03
95.69
73.1
46
–29.03
–95.69
253.1
15
19.51
98.08
78.8
47
–19.51
–98.08
258.8
16
9.80
99.52
84.4
48
–9.80
–99.52
264.4
3
5
17
0.00
100.00
90.0
7
13
49
0.00
–100.00
270.0
18
–9.80
99.52
95.6
50
9.80
–99.52
275.6
19
–19.51
98.08
101.3
51
19.51
–98.08
281.3
20
–29.03
95.69
106.9
52
29.03
–95.69
286.9
6
21
–38.27
92.39
112.5
14
53
38.27
–92.39
292.5
22
–47.14
88.19
118.1
54
47.14
–88.19
298.1
23
–55.56
83.15
123.8
55
55.56
–83.15
303.8
24
–63.44
77.30
129.4
56
63.44
–77.30
309.4
2
4
7
25
–70.71
70.71
135.0
4
8
15
57
70.71
–70.71
315.0
26
–77.30
63.44
140.6
58
77.30
–63.44
320.6
27
–83.15
55.56
146.3
59
83.15
–55.56
326.3
28
–88.19
47.14
151.9
60
88.19
–47.14
331.9
8
29
–92.39
38.27
157.5
16
61
92.39
–38.27
337.5
30
–95.69
29.03
163.1
62
95.69
–29.03
343.1
31
–98.08
19.51
168.8
63
98.08
–19.51
348.8
32
–99.52
9.80
174.4
64
99.52
–9.80
354.4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com