Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3979 Datasheet(PDF) 3 Page - Allegro MicroSystems

Part # A3979
Description  Microstepping DMOS Driver with Translator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3979 Datasheet(HTML) 3 Page - Allegro MicroSystems

  A3979 Datasheet HTML 1Page - Allegro MicroSystems A3979 Datasheet HTML 2Page - Allegro MicroSystems A3979 Datasheet HTML 3Page - Allegro MicroSystems A3979 Datasheet HTML 4Page - Allegro MicroSystems A3979 Datasheet HTML 5Page - Allegro MicroSystems A3979 Datasheet HTML 6Page - Allegro MicroSystems A3979 Datasheet HTML 7Page - Allegro MicroSystems A3979 Datasheet HTML 8Page - Allegro MicroSystems A3979 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
DMOS Microstepping Driver with Translator
A3979
3
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Functional Block Diagram
SENSE1
SENSE2
VREG
VCP
CP1
DAC
VDD
PWM Timer:
PWM Latch
Blanking
Mixed Decay
DAC
STEP
DIR
MS1
PWM Timer:
PWM Latch
Blanking
Mixed Decay
CP2
Charge
Pump
VBB1
OUT1A
OUT1B
VBB2
OUT2A
OUT2B
Translator
Gate
Drive
DMOS Full Bridge
DMOS Full Bridge
0.22 µF
MS2
REF
R
S2
C
S2
R
S1
C
S1
0.22 µF
UVLO and
Fault
Logic
Supply
Reference
Supply
4
4
RESET
SLEEP
ENABLE
SR
PFD
RC2
RC1
HOME
2 V
0.22 µF
Control
Logic
>47 µF
Load
Supply
R
T2
C
T2
R
T1
C
T1
V
PFD
0.1 µF
Regulator
Bandgap
Exposed Thermal Pad
AGND
PGND
(Required)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com