Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3979 Datasheet(PDF) 1 Page - Allegro MicroSystems

Part # A3979
Description  Microstepping DMOS Driver with Translator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3979 Datasheet(HTML) 1 Page - Allegro MicroSystems

  A3979 Datasheet HTML 1Page - Allegro MicroSystems A3979 Datasheet HTML 2Page - Allegro MicroSystems A3979 Datasheet HTML 3Page - Allegro MicroSystems A3979 Datasheet HTML 4Page - Allegro MicroSystems A3979 Datasheet HTML 5Page - Allegro MicroSystems A3979 Datasheet HTML 6Page - Allegro MicroSystems A3979 Datasheet HTML 7Page - Allegro MicroSystems A3979 Datasheet HTML 8Page - Allegro MicroSystems A3979 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 15 page
background image
AGND
and PGND must be
connected together externally
Description
The A3979 is a complete microstepping motor driver with
built-in translator, designed as a pin-compatible replacement for
the successfulA3977, with enhanced microstepping (1/16 step)
precision. It is designed to operate bipolar stepper motors in
full-, half-, quarter-, and sixteenth-step modes, with an output
drive capacity of up to 35 V and ±2.5 A. The A3979 includes a
fixed off-time current regulator that has the ability to operate in
Slow, Fast, or Mixed decay modes. This current-decay control
scheme results in reduced audible motor noise, increased step
accuracy, and reduced power dissipation.
The translator is the key to the easy implementation of the
A3979. It allows the simple input of one pulse on the STEP
pin to drive the motor one microstep, which can be either a full
step, half, quarter, or sixteenth, depending on the setting of the
MS1 and MS2 logic inputs.There are no phase-sequence tables,
high-frequency control lines, or complex interfaces to program.
The A3979 interface is an ideal fit for applications where a
complex microprocessor is unavailable or is overburdened.
Internal synchronous-rectification control circuitry is provided
to improve power dissipation during PWM operation. Internal
circuit protection includes: thermal shutdown with hysteresis,
UVLO (undervoltage lockout), and crossover-current
protection. Special power-on sequencing is not required.
26184.23C
Features and Benefits
▪ ±2.5 A, 35 V output rating
▪ Low RDS(On) outputs: 0.28 Ω source, 0.22 Ω sink, typical
▪ Automatic current decay mode detection/selection
▪ 3.0 to 5.5 V logic supply voltage range
▪ Slow, Fast or Mixed current decay modes
▪ Home output
▪ Synchronous rectification for low power dissipation
▪ Internal UVLO and thermal shutdown circuitry
▪ Crossover-current protection
Microstepping DMOS Driver with Translator
Continued on the next page…
Package: 28 lead TSSOP (suffix LP) with
exposed thermal pad
Device Diagram
A3979
7
8
9
10
11
12
13
6
5
20
19
18
17
16
15
21
22
14
1
2
3
4
26
25
28
27
24
23
VCP
PGND
VREG
STEP
OUT2B
RESET
SR
VBB2
PFD
RC1
AGND
REF
RC2
VDD
OUT2A
MS2
MS1
SENSE2
SENSE1
HOME
DIR
OUT1A
ENABLE
OUT1B
CP2
CP1
SLEEP
VBB1
Translator
and
Control
Logic
÷8
Reg
Charge
Pump
PWM
Timer


Similar Part No. - A3979

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
A3979 ALLEGRO-A3979 Datasheet
465Kb / 14P
Microstepping DMOS Driver with Translator
A3979 ALLEGRO-A3979 Datasheet
331Kb / 14P
Microstepping DMOS Driver with Translator
A3979SLP-T ALLEGRO-A3979SLP-T Datasheet
465Kb / 14P
Microstepping DMOS Driver with Translator
A3979SLPTR ALLEGRO-A3979SLPTR Datasheet
332Kb / 15P
Microstepping DMOS Driver with Translator
A3979SLPTR-T ALLEGRO-A3979SLPTR-T Datasheet
465Kb / 14P
Microstepping DMOS Driver with Translator
More results

Similar Description - A3979

ManufacturerPart #DatasheetDescription
logo
Allegro MicroSystems
3977 ALLEGRO-3977 Datasheet
569Kb / 18P
MICROSTEPPING DMOS DRIVER WITH TRANSLATOR
A3983 ALLEGRO-A3983 Datasheet
329Kb / 13P
DMOS Microstepping Driver with Translator
A4983 ALLEGRO-A4983 Datasheet
415Kb / 16P
DMOS Microstepping Driver with Translator
A3987 ALLEGRO-A3987 Datasheet
450Kb / 13P
DMOS Microstepping Driver with Translator
A3979 ALLEGRO-A3979_08 Datasheet
465Kb / 14P
Microstepping DMOS Driver with Translator
A3983 ALLEGRO-A3983_08 Datasheet
450Kb / 11P
DMOS Microstepping Driver with Translator
A3979 ALLEGRO-A3979_13 Datasheet
331Kb / 14P
Microstepping DMOS Driver with Translator
A3984 ALLEGRO-A3984_13 Datasheet
344Kb / 12P
DMOS Microstepping Driver with Translator
A3983SLPTR ALLEGRO-A3983SLPTR Datasheet
342Kb / 13P
DMOS Microstepping Driver with Translator
A3979SLPTR ALLEGRO-A3979SLPTR Datasheet
332Kb / 15P
Microstepping DMOS Driver with Translator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com