Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3979 Datasheet(PDF) 10 Page - Allegro MicroSystems

Part # A3979
Description  Microstepping DMOS Driver with Translator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3979 Datasheet(HTML) 10 Page - Allegro MicroSystems

Back Button A3979 Datasheet HTML 6Page - Allegro MicroSystems A3979 Datasheet HTML 7Page - Allegro MicroSystems A3979 Datasheet HTML 8Page - Allegro MicroSystems A3979 Datasheet HTML 9Page - Allegro MicroSystems A3979 Datasheet HTML 10Page - Allegro MicroSystems A3979 Datasheet HTML 11Page - Allegro MicroSystems A3979 Datasheet HTML 12Page - Allegro MicroSystems A3979 Datasheet HTML 13Page - Allegro MicroSystems A3979 Datasheet HTML 14Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
DMOS Microstepping Driver with Translator
A3979
10
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
Synchronous Rectification. When a PWM off-
cycle is triggered by an internal fixed–off-time cycle, load
current recirculates according to the decay mode selected
by the control logic. The A3979 synchronous rectification
feature turns on the appropriate MOSFETs during the decay
of the current, and effectively shorts out the body diodes
with the low RDS(On) driver. This reduces power dissipation
significantly and eliminates the need for external Schottky
diodes for most applications. The synchronous rectification
can be set to either Active mode or Disabled mode:
• Active Mode. When the SR input is logic low, Active
mode is enabled and synchronous rectification can occur.
This mode prevents reversal of the load current by turning
off synchronous rectification when a zero current level is
detected. This prevents the motor winding from conduct-
ing in the reverse direction.
• Disabled Mode. When the SR input is logic high, syn-
chronous rectification is disabled. This mode is typi-
cally used when external diodes are required to transfer
power dissipation from the A3979 package to the external
diodes.
Layout. The printed circuit board on which the device is
mounted should have a heavy ground plane. For optimum
electrical and thermal performance, the A3979 should be
soldered directly onto the board.
The load supply terminals, VBBx, should be decoupled with
an electrolytic capacitor (>47 μF is recommended), placed
as close to the device as possible.
To avoid problems due to capacitive coupling of the high
dv / dt switching transients, route the bridge-output traces
away from the sensitive logic-input traces.
Always drive the logic inputs with a low source impedance
to increase noise immunity.
Grounding. The AGND (analog ground) terminal and the
PGND (power ground) terminal must be connected together
externally.
All ground lines should be connected together and be as
short as possible. A star ground system, centered under the
device, is an optimum design.
The copper ground plane located under the exposed thermal
pad is typically used as the star ground.
Current Sensing. To minimize inaccuracies caused by
ground-trace IR drops in sensing the output current level,
the current-sense resistors, RSx, should have an independent
ground return to the star ground of the device. This path
should be as short as possible.
For low-value sense resistors, the IR drops in the printed cir-
cuit board sense resistor traces can be significant and should
be taken into account.
The use of sockets should be avoided as they can introduce
variation in RSx due to their contact resistance.
Allegro MicroSystems recommends a value of RS given by
RS = 0.5/ITRIPmax
Thermal Protection. This internal circuitry turns off
all drivers when the junction temperature reaches 165°C,
typical. It is intended only to protect the device from failures
due to excessive junction temperatures and should not imply
that output short circuits are permitted. Thermal shutdown
has a hysteresis of approximately 15°C.
Applications Information



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com