Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

A3979 Datasheet(PDF) 5 Page - Allegro MicroSystems

Part # A3979
Description  Microstepping DMOS Driver with Translator
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ALLEGRO [Allegro MicroSystems]
Direct Link  http://www.allegromicro.com
Logo ALLEGRO - Allegro MicroSystems

A3979 Datasheet(HTML) 5 Page - Allegro MicroSystems

  A3979 Datasheet HTML 1Page - Allegro MicroSystems A3979 Datasheet HTML 2Page - Allegro MicroSystems A3979 Datasheet HTML 3Page - Allegro MicroSystems A3979 Datasheet HTML 4Page - Allegro MicroSystems A3979 Datasheet HTML 5Page - Allegro MicroSystems A3979 Datasheet HTML 6Page - Allegro MicroSystems A3979 Datasheet HTML 7Page - Allegro MicroSystems A3979 Datasheet HTML 8Page - Allegro MicroSystems A3979 Datasheet HTML 9Page - Allegro MicroSystems Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 15 page
background image
DMOS Microstepping Driver with Translator
A3979
5
Allegro MicroSystems, Inc.
115 Northeast Cutoff, Box 15036
Worcester, Massachusetts 01615-0036 (508) 853-5000
www.allegromicro.com
1Typical data are for initial design estimations only, and assume optimum manufacturing and application conditions. Performance may vary for
individual units, within the specified maximum and minimum limits.
2Negative current is defined as coming out of (sourcing from) the specified device pin.
3EG = ([VREF/8] – VSENSE)/(VREF/8).
ELECTRICAL CHARACTERISTICS, continued at TA = 25°C, VBB = 35 V, VDD = 3.0 to 5.5 V (unless otherwise noted)
Thermal Shutdown Temperature
TJSD
–
165
–
°C
Thermal Shutdown Hysteresis
TJSDHYS
–15–
°C
UVLO Enable Threshold
VUVLO
Increasing VDD
2.45
2.7
2.95
V
UVLO Hysteresis
VUVLOHYS
0.05
0.10
–
V
Characteristics
Symbol
Test Conditions
Min.
Typ.1
Max.
Units



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com