Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR533 Datasheet(PDF) 2 Page - NXP Semiconductors

Part # PR533
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR533 Datasheet(HTML) 2 Page - NXP Semiconductors

  PR533 Datasheet HTML 1Page - NXP Semiconductors PR533 Datasheet HTML 2Page - NXP Semiconductors PR533 Datasheet HTML 3Page - NXP Semiconductors PR533 Datasheet HTML 4Page - NXP Semiconductors PR533 Datasheet HTML 5Page - NXP Semiconductors PR533 Datasheet HTML 6Page - NXP Semiconductors PR533 Datasheet HTML 7Page - NXP Semiconductors PR533 Datasheet HTML 8Page - NXP Semiconductors PR533 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
2 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
Support of USB 2.0 full speed, interoperable with USB 3.0 hubs.
The PR533C3HN in PCD mode is compliant with EMV contactless specification V2.0.1.
1.4 Supported operating systems
• Microsoft Windows 2000
• Microsoft Windows XP (32 and 64 bits)
• Microsoft Windows 2003 Server (32 and 64 bits)
• Microsoft Windows 2008 Server (32 and 64 bits)
• Microsoft Windows Vista (32 and 64 bits)
• Microsoft Windows 7 (32 and 64 bits)
The PR533 is supported by the following OS through the PCSC-Lite driver:
• GNU/Linux using libusb 1.0.x and later
• Mac OS Leopard (1.5.6 and newer)
• Mac OS Snow Leopard (1.6.X)
• Solaris
• FreeBSD
2.
Features and benefits
USB 2.0 full speed host interface and CCID protocol support
Integrated microcontroller implements high-level RF protocols
Buffered output drivers to connect an antenna with minimum number of external
components
Integrated RF level detector
Integrated data mode detector
Supports ISO/IEC 14443A Reader/Writer mode up to 848 kbit/s
Supports ISO/IEC 14443B Reader/Writer mode up to 848 kbit/s
Supports contactless communication according to the FeliCa protocol at 212 kbit/s and
424 kbit/s
Supports MIFARE encryption
Typical operating distance in Read/Write mode for communication to
ISO/IEC 14443A/MIFARE, ISO/IEC 14443B or FeliCa cards up to 50 mm depending
on antenna size and tuning
I2C-bus master interface allows to connect an external I2C EEPROM for configuration
data storage or to control a TDA8029 contact smart card reader
Low-power modes
Hard power-down mode
Soft power-down mode
Only one external oscillator required (27.12 MHz Crystal oscillator)
Power modes
USB bus power mode
2.5 V to 3.6 V power supply operating range in non-USB bus power mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com