Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR533 Datasheet(PDF) 7 Page - NXP Semiconductors

Part # PR533
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR533 Datasheet(HTML) 7 Page - NXP Semiconductors

Back Button PR533 Datasheet HTML 3Page - NXP Semiconductors PR533 Datasheet HTML 4Page - NXP Semiconductors PR533 Datasheet HTML 5Page - NXP Semiconductors PR533 Datasheet HTML 6Page - NXP Semiconductors PR533 Datasheet HTML 7Page - NXP Semiconductors PR533 Datasheet HTML 8Page - NXP Semiconductors PR533 Datasheet HTML 9Page - NXP Semiconductors PR533 Datasheet HTML 10Page - NXP Semiconductors PR533 Datasheet HTML 11Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
7 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
[1]
Pin types: I= Input, O = Output, I/O = Input/Output, P = Power and G = Ground.
7.
Limiting values
[1]
1500
, 100 pF; EIA/JESD22-A114-A
[2]
0.75 mH, 200 pF; EIA/JESD22-A115-A
[3]
Field induced model; EIA/JESC22-C101-C
RSTPD_N
38
I
PVDD
reset and power-down: When LOW, internal current sources are switched off,
the oscillator is inhibited, and the input pads are disconnected from the out-
side world.
With a negative edge on this pin the internal reset phase starts.
DVDD
39
P
digital power supply
VBUS
40
P
USB power supply.
Table 3.
PR533 pin description …continued
Symbol
Pin
Type Pad ref
voltage
Description
Table 4.
Limiting values
In accordance with the Absolute Maximum Rating System (IEC 60134).
Symbol
Parameter
Conditions
Min
Max
Unit
VDDA
analog supply voltage
0.5
+4
V
VDDD
digital supply voltage
0.5
+4
V
VDD(TVDD)
TVDD supply voltage
0.5
+4
V
VDD(PVDD)
PVDD supply voltage
0.5
+4
V
VDD(SVDD)
SVDD supply voltage
0.5
+4
V
VBUS
bus supply voltage
0.5
+5.5
V
Ptot
total power dissipation
-
500
mW
IDD(SVDD)
SVDD supply current
maximum current in VDDS
switch
-30
mA
Vi
input voltage
TX1, TX2, RX pins
0.5
+4
V
VESD
electrostatic discharge voltage
HBM
[1]
2.0
kV
MM
[2] -200
V
CDM
[3] -
1kV
Tstg
storage temperature
55
+150
C
Tj
junction temperature
40
+125
C
Vi(dyn)(RX)
dynamic input voltage on pin RX
input signal at 13.56 MHz
0.7
VDD(AVDD) +1.0 V
Vi(dyn)(TX1)
dynamic input voltage on pin TX1
input signal at 13.56 MHz
1.2
VDD(TVDD) +1.3 V
Vi(dyn)(TX2)
dynamic input voltage on pin TX2
input signal at 13.56 MHz
1.2
VDD(TVDD) +1.3 V
ITX1
current on pin TX1
output signal at 13.56 MHz
300
+300
mA
ITX2
current on pin TX2
output signal at 13.56 MHz
300
+300
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com