Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR533 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PR533
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR533 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PR533 Datasheet HTML 5Page - NXP Semiconductors PR533 Datasheet HTML 6Page - NXP Semiconductors PR533 Datasheet HTML 7Page - NXP Semiconductors PR533 Datasheet HTML 8Page - NXP Semiconductors PR533 Datasheet HTML 9Page - NXP Semiconductors PR533 Datasheet HTML 10Page - NXP Semiconductors PR533 Datasheet HTML 11Page - NXP Semiconductors PR533 Datasheet HTML 12Page - NXP Semiconductors PR533 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
9 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
[1]
Ipd is the total currents over all supplies.
[2]
IDD(PVDD) depends on the overall load at the digital pins.
[3]
IDD(SVDD) depends on the overall load on VDD(SVDD) pad.
[4]
IDD(TVDD) depends on VDD(TVDD) and the external circuitry connected to TX1 and TX2.
[5]
During operation with a typical circuitry the overall current is below 100 mA.
10.1.2 Voltage regulator characteristics
[1]
The internal regulator is only enabled when the USB interface is selected by I0 and I1.
10.2 Antenna presence self test thresholds
The values in Table 9 are guaranteed by design. Only functional is done in production for
cases andet_ithl[1:0] = 10b and for andet_ithh[2:0] = 011b.
Table 7.
Current consumption characteristics
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Ipd
power-down current
VDDA = VDDD = VDD(TVDD) = VDD(PVDD) = 3 V; not powered from USB
hard power-down current; not powered
from USB; RF level detector off
[1] -1.3
10
A
soft power-down current; not powered
from USB; RF level detector on
[1] -9
30
A
ICCSL
suspended low-power device
supply current
VBUS =5V; VDDA = VDDD = VDD(TVDD) =
VDD(PVDD) =3V; VDDS = 0 V; RF level
detector on (without resistor on pin DP
(D+))
[1] -
120
250
A
IDDD
digital supply current
VDDA = VDDD = VDD(TVDD) = VDD(PVDD)
= 3 V; RF level detector on
-12
-
mA
IDDA
analog supply current
VDDA = VDDD = VDD(TVDD) = VDD(PVDD) =3V
RF level detector on
-
3
6
mA
RF level detector off
-
1.5
5
mA
IDD(PVDD)
PVDD supply current
[2] --
30
mA
IDD(SVDD)
SVDD supply current
sam_switch_en set to 1
[3] --
30
mA
IDD(TVDD)
TVDD supply current
continuous wave; VDD(TVDD) =3V
[4][5] -
60
100
mA
Table 8.
Voltage regulator characteristics[1]
Symbol
Parameter
Conditions
Min
Typ
Max Unit
VBUS
bus supply voltage
USB mode; VSS = 0 V
4.02 5
5.25 V
VDDD
digital supply voltage
after inrush current limitation (USB
mode); from IVDDD = 0 mA to
IVDDD =150 mA
2.95 3.3
3.6
V
IBUS
bus supply current
USB mode; measure on VBUS
--150
mA
Iinrush(lim)
inrush current limit
at power-up (curlimofff = 0)
-
-
100
mA
Vth(rst)reg
regulator reset threshold voltage
regulator reset
1.90 2.15 2.40 V
Vth(rst)reg(hys)
regulator reset threshold voltage
hysteresis
35
60
85
mV
VDDD decoupling capacitor
8
10
-
F



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com