Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR533 Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PR533
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR533 Datasheet(HTML) 4 Page - NXP Semiconductors

  PR533 Datasheet HTML 1Page - NXP Semiconductors PR533 Datasheet HTML 2Page - NXP Semiconductors PR533 Datasheet HTML 3Page - NXP Semiconductors PR533 Datasheet HTML 4Page - NXP Semiconductors PR533 Datasheet HTML 5Page - NXP Semiconductors PR533 Datasheet HTML 6Page - NXP Semiconductors PR533 Datasheet HTML 7Page - NXP Semiconductors PR533 Datasheet HTML 8Page - NXP Semiconductors PR533 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
4 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
4.
Ordering information
[1]
60 or 70 refers to the ROM code version described in the User Manual. For differences of romcode versions refer to the release note of
the product.
[2]
Refer to Section 14.4 “Licenses”.
[3]
MSL 2 (Moisture Sensitivity Level).
5.
Block diagram
The following block diagram describes hardware blocks controlled by PR5331C3HN
firmware or which can be accessible for data transaction by a host baseband.
Table 2.
Ordering information
Type number
Package
Name
Description
Version
PR5331C3HN/C360[1][2][3]
HVQFN40
plastic thermal enhanced very thin quad flat package; no leads;
40 terminals; body 6
 6  0.85 mm
SOT618-1
PR5331C3HN/C370[1][2][3]
Fig 1.
Block diagram
aaa-000043
SUPPLY
SUPERVISOR
27 MHz OSC
AND
FRAC N
PLL
SVDD
SWITCH
NFC
ANALOG
FRONT END
AND
CLUART
80C51 CPU
44 k ROM
1.2 k BYTES RAM
USB
DEVICE
I2C
MASTER
MATX
RSTPD_N
PVDD
SVDD
VBUS
P30 P31
P32_INT0
GPIOs
P33_INT0
P35
RSTOUT_N
DVDD
P70_IRQ
AVSS
DVSS
OSCIN
OSCOUT
I0
I1
SDA
P50_SCL
DELATT
48 MHz
SIGIN
SIGOUT
P34
TVDD
AVDD
RX
VMID
TX1
TVSS
TX2
REGULATOR
3.3 V
PCR



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com