Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR533 Datasheet(PDF) 1 Page - NXP Semiconductors

Part # PR533
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR533 Datasheet(HTML) 1 Page - NXP Semiconductors

  PR533 Datasheet HTML 1Page - NXP Semiconductors PR533 Datasheet HTML 2Page - NXP Semiconductors PR533 Datasheet HTML 3Page - NXP Semiconductors PR533 Datasheet HTML 4Page - NXP Semiconductors PR533 Datasheet HTML 5Page - NXP Semiconductors PR533 Datasheet HTML 6Page - NXP Semiconductors PR533 Datasheet HTML 7Page - NXP Semiconductors PR533 Datasheet HTML 8Page - NXP Semiconductors PR533 Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 36 page
background image
1.
General description
The PR5331C3HN is a highly integrated transceiver module for contactless reader/writer
communication at 13.56 MHz.
A dedicated ROM code is implemented to handle different RF protocols by an integrated
microcontroller. The system host controller communicates with the PR5331C3HN by
using the USB or the HSU link.
The protocol between the host controller and the PR5331C3HN, on top of this physical
link is the CCID protocol.
1.1 RF protocols
PR5331C3HN supports the PCD mode for FeliCa (212 kbps and 424 kbps),
ISO/IEC14443 Type A and B (from 106 kbps to 848 kbps), MIFARE (106 kbps), B' cards
(106 kbps), picoPass tag (106 kbps) and Innovision Jewel cards (106 kbps)
The Initiator passive mode (from 106 kbps to 424 kbps) can be supported through the
PC/SC transparent mode.
1.2 Interfaces
The PR5331C3HN supports a USB 2.0 full speed interface (bus powered or host powered
mode).
Alternatively to the USB interface, a High Speed UART (from 9600b up to 1.2 Mb) can be
used to connect the PR533 to a host.
The PR5331C3HN has also a master I2C-bus interface that allows to connect one of the
following peripherals:
• An external EEPROM: in this case the PR5331C3HN is configured as master and is
able to communicate with external EEPROM (address A0h) which can store
configuration data like PID, UID and RF parameters. When a USB host interface is
used, these parameters are retrieved from the EEPROM at startup of the device
• A TDA8029 contact smart card reader
1.3 Standards compliancy
PR5331C3HN offers commands in order for applications to be compliant with “EMV
Contactless Communication Protocol Specification V2.0.1”.
PR5331C3HN supports RF protocols ISO/IEC 14443A and B such as compliancy with
Smart eID standard can be achieved at application level.
PR533
USB NFC integrated reader solution
Rev. 3.6 — 27 October 2014
206436
Product short data sheet
COMPANY PUBLIC


Similar Part No. - PR533

ManufacturerPart #DatasheetDescription
logo
STANLEY ELECTRIC CO.,LT...
PR5334S STANLEY-PR5334S Datasheet
2Mb / 33P
Single Color ?5 Round Shape Type
PR5335S STANLEY-PR5335S Datasheet
413Kb / 33P
Single Color ?5 Round Shape Type
PR5335S STANLEY-PR5335S Datasheet
2Mb / 33P
Single Color 5 Round Shape Type
More results

Similar Description - PR533

ManufacturerPart #DatasheetDescription
logo
ams AG
AS3911 AMSCO-AS3911 Datasheet
1Mb / 149P
NFC Initiator / HF Reader IC
AS3911B AMSCO-AS3911B Datasheet
1Mb / 155P
NFC Initiator / HF Reader IC
logo
NXP Semiconductors
PR601 NXP-PR601 Datasheet
242Kb / 14P
High performance NFC integrated reader solution
Rev. 3.3-10 March 2016
PRH601 NXP-PRH601 Datasheet
246Kb / 15P
Multi-frequency integrated reader solution
Rev. 3.3-10 March 2016
logo
ams AG
AS3911 AMSCO-AS3911_V01 Datasheet
2Mb / 159P
NFC Initiator / HF Reader IC
2016-Jun-13
logo
Renesas Technology Corp
PTX105R RENESAS-PTX105R Datasheet
529Kb / 10P
PTX105R NFC Reader IC
June 2022
logo
NXP Semiconductors
PN7642 NXP-PN7642 Datasheet
2Mb / 258P
Single chip solution with high performance NFC reader, customizable MCU and security toolbox
Rev. 3.0 - 14 March 2023
logo
Sony Corporation
RC-S620 SONY-RC-S620 Datasheet
627Kb / 2P
Embedded NFC Reader Module
logo
NXP Semiconductors
PN7642 NXP-PN7642_V01 Datasheet
2Mb / 329P
Single chip solution with high performance NFC reader, customizable MCU and security toolbox
Rev. 3.1 - 28 June 2023
logo
ELATEC GmbH
T4FK-BBFRLM7 ELATEC-T4FK-BBFRLM7 Datasheet
264Kb / 3P
TWN4 USB Front Reader LEGIC Multi-frequency RFID reader (LF/HF) with NFC and BLE support
11/2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com