Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PR533 Datasheet(PDF) 21 Page - NXP Semiconductors

Part # PR533
Description  USB NFC integrated reader solution
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PR533 Datasheet(HTML) 21 Page - NXP Semiconductors

Back Button PR533 Datasheet HTML 17Page - NXP Semiconductors PR533 Datasheet HTML 18Page - NXP Semiconductors PR533 Datasheet HTML 19Page - NXP Semiconductors PR533 Datasheet HTML 20Page - NXP Semiconductors PR533 Datasheet HTML 21Page - NXP Semiconductors PR533 Datasheet HTML 22Page - NXP Semiconductors PR533 Datasheet HTML 23Page - NXP Semiconductors PR533 Datasheet HTML 24Page - NXP Semiconductors PR533 Datasheet HTML 25Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
PR533_SDS
All information provided in this document is subject to legal disclaimers.
© NXP Semiconductors N.V. 2014. All rights reserved.
Product short data sheet
COMPANY PUBLIC
Rev. 3.6 — 27 October 2014
206436
21 of 36
NXP Semiconductors
PR533
USB NFC integrated reader solution
10.14 Output pin characteristics for DELATT
[1]
To minimize power consumption when in soft power-down mode, the limit is VDD(PVDD)  0.4 V.
10.15 Input pin characteristics for SIGIN
[1]
To minimize power consumption when in soft power-down mode, the limit is VDD(SVDD)  0.4 V.
[2]
To minimize power consumption when in soft power-down mode, the limit is 0.4 V.
10.16 Output pin characteristics for SIGOUT
Table 25.
Output pin characteristics for DELATT
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output voltage
[1] 0.7
 V
DD(SVDD)
-VDD(SVDD)
V
VIL
LOW-level input voltage
0
-
0.3
 V
DD(PVDD)
V
IIH
HIGH-level input current
input mode; VI =VDD(SVDD)
1-
1
A
IIL
LOW-level input current
input mode; VI =0V
1-
1
A
ILI
input leakage current
RSTPD_N = 0.4 V
1-
1
A
Ci
input capacitance
-
2.5
-
pF
Table 26.
Input/output pin characteristics for SIGIN
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VIH
HIGH-level input voltage
[1] 0.7
 V
DD(SVDD)
-VDD(SVDD)
V
VIL
LOW-level input voltage
[2] 0-
0.3
 V
DD(SVDD)
V
IIH
HIGH-level input current
VI =VDD(SVDD)
1-
+1
A
IIL
LOW-level input current
VI =0V
1-
+1
A
ILI
input leakage current
RSTPD_N = 0.4 V
1-
+1
A
Ci
input capacitance
-
2.5
-
pF
Table 27.
Output pin characteristics for SIGOUT
Symbol Parameter
Conditions
Min
Typ
Max
Unit
VOH
HIGH-level output voltage
VDDD  0.1 < VDD(SVDD) <VDDD
IOH = 4mA
VDD(SVDD)  0.4
-
VDD(SVDD)
V
VOL
LOW-level output voltage
VDDD  0.1 < VDD(SVDD) <VDDD
IOL =+4mA
0-
0.4
V
IOH
HIGH-level output current
VDDD  0.1 < VDD(SVDD) <VDDD
IOH = 4mA
0.4
-
-
mA
IOL
LOW-level output current
VDDD  0.1 < VDD(SVDD) <VDDD
IOL =+4mA
4-
-
mA
ILI
input leakage current
RSTPD_N = 0.4 V
1-
+1
A
Ci
input capacitance
-
2.5
pF
CL
load capacitance
-
-
30
pF
tr
rise time
VDD(SVDD) =3 V;
VOH =0.8  VDD(SVDD); Cout =30pF
--
9
ns
tf
fall time
VDD(SVDD) =3 V;
VOL =0.2  VDD(SVDD); Cout =30 pF
--
9
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com